Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1843 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1843
Description  Rad-tolerant current mode PWM controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1843 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST1843 Datasheet HTML 2Page - STMicroelectronics ST1843 Datasheet HTML 3Page - STMicroelectronics ST1843 Datasheet HTML 4Page - STMicroelectronics ST1843 Datasheet HTML 5Page - STMicroelectronics ST1843 Datasheet HTML 6Page - STMicroelectronics ST1843 Datasheet HTML 7Page - STMicroelectronics ST1843 Datasheet HTML 8Page - STMicroelectronics ST1843 Datasheet HTML 9Page - STMicroelectronics ST1843 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical characteristics
ST1843 - ST1845
6/25
Doc ID 019049 Rev 1
5
Electrical characteristics
Maximum package power dissipation limits must be respected; low duty cycle pulse
techniques are used during test maintain TJ as close to TA as possible.
Unless otherwise stated, these specifications apply for - TA = 22 ±3°C, Vi = 15 V, Adjust Vi
above the start threshold before setting at 15 V; RT = 10 kΩ; CT = 3.3 nF.
Table 5.
Electrical characteristics
Symbol
MIL-STD-
883 test
method
Parameter
Test conditions
Values
Unit
Min.
Max.
Reference section
VREF
Output voltage
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF,
Io = 1mA
4.95
5.05
V
ΔV
REF_LINE
Line regulation
12V
≤ V
i ≤ 25V, RT = 10kΩ; CT =
3.3nF
0.02
V
ΔV
REF_LOAD
Load regulation
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF,
1
≤ I
o ≤ 20mA
25
V
ISC
3011
Output short circuit
-0.18 -0.03
A
Oscillator section
fOSC
Frequency for ST1843
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF,
1
≤ I
o ≤ 20mA
49
55
kHz
Frequency for ST1845
24.5
27.5
kHz
Δf
OSC/ΔV
Frequency change with
voltage
12V
≤ V
I ≤ 25V; RT = 10kΩ; CT =
3.3nF
–
 
1%
Idischg
Discharge current
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF,
1
≤ I
o ≤ 20mA, VOSC = 2V
7.8
7.5
8.8
8.8
mA
mA
Error amp section
V2
Input voltage
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF,
VPIN1 = 2.5V
2.45
2.55
V
Ib
4001
Input bias current
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF,
VFB = 5V
-1
mA
AVOL
AVOL
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF,
2V
≤ V
o ≤ 4V
65
dB
PSRR
4003
Power supply rejec. ratio
12V
≤ V
i ≤ 25V; RT = 10kΩ; CT =
3.3nF
60
dB
Io_sink
Output sink current
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF,
VPIN2 = 2.7V, VPIN1 = 1.1V
2mA
Io_source
Output source current
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF,
VPIN2 = 2.2V, VPIN1 = 5V
-0.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com