Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1843 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1843
Description  Rad-tolerant current mode PWM controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1843 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1843 Datasheet HTML 3Page - STMicroelectronics ST1843 Datasheet HTML 4Page - STMicroelectronics ST1843 Datasheet HTML 5Page - STMicroelectronics ST1843 Datasheet HTML 6Page - STMicroelectronics ST1843 Datasheet HTML 7Page - STMicroelectronics ST1843 Datasheet HTML 8Page - STMicroelectronics ST1843 Datasheet HTML 9Page - STMicroelectronics ST1843 Datasheet HTML 10Page - STMicroelectronics ST1843 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ST1843 - ST1845
Electrical characteristics
Doc ID 019049 Rev 1
7/25
VOH
VOUT high
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF,
VPIN2 = 2.3V, RL = 15kΩ to GND
5V
VOL
VOUT low
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF,
VPIN2 = 2.3V, RL = 15kΩ to GND
1.1
V
Current sense section
GV
4004
Gain
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF,
(2) (3)
2.85
3.15
V/V
V3
Maximum input signal
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF,
VPIN1 = 2.3V
(2)
0.9
1.1
V
SVR
Supply voltage rejection
12
≤ V
i ≤ 25V; RT = 10kΩ;
CT = 3.3nF,
(1)
60
dB
Ib
4001
Input bias current
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF
-10
mA
DO
3003
Delay to output
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF
300
ns
Output section
VOL1
3007
Output low level
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF;
ISINK = 20mA
0.4
V
VOL2
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF;
ISINK = 200mA
2.2
V
VOH1
3006
Output high level
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF;
ISOURCE = 20mA
13
V
VOH2
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF;
ISOURCE = 200mA
12
V
VOLS
UVLO saturation
VI = 6V
(1); R
T = 10kΩ; CT = 3.3nF;
ISINK = 1mA
1.1
V
tr
3004
Rise time
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF;
CL = 1nF
150
ns
tf
Fall time
150
ns
Under-voltage lockout section
VTH
Start threshold
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF
7.8
9
V
VMIN
Min operating voltage after
turn-on
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF
7
8.2
V
DCMAX
Max duty cycle for ST1843
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF
47
50
%
Max duty cycle for ST1845
94
100
%
DCMIN
Min duty cycle
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF
0
%
Total standby current
Ist
Start-up current
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF
0.5
mA
Table 5.
Electrical characteristics (continued)
Symbol
MIL-STD-
883 test
method
Parameter
Test conditions
Values
Unit
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com