Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1843 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST1843
Description  Rad-tolerant current mode PWM controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1843 Datasheet(HTML) 4 Page - STMicroelectronics

  ST1843 Datasheet HTML 1Page - STMicroelectronics ST1843 Datasheet HTML 2Page - STMicroelectronics ST1843 Datasheet HTML 3Page - STMicroelectronics ST1843 Datasheet HTML 4Page - STMicroelectronics ST1843 Datasheet HTML 5Page - STMicroelectronics ST1843 Datasheet HTML 6Page - STMicroelectronics ST1843 Datasheet HTML 7Page - STMicroelectronics ST1843 Datasheet HTML 8Page - STMicroelectronics ST1843 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Maximum ratings
ST1843 - ST1845
4/25
Doc ID 019049 Rev 1
2
Maximum ratings
Note:
All voltages are with respect to pin 5, all currents are positive into the specified terminal.
3
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vi
Supply voltage (low impedance source)
30
V
Supply voltage (Ii < 30mA)
Self limiting
IO
Output current
±1
A
EO
Output energy (capacitive load)
5
mJ
Analog inputs (pins 2, 3)
– 0.3 to 5.5
V
Error amplifier output sink current
10
mA
Ptot
Power dissipation at TA ≤ 25 °C (SO8)
800
mW
Tstg
Storage temperature range
– 65 to 150
°C
TJ
Junction operating temperature
– 40 to 150
°C
Table 3.
Thermal data
Symbol
Description
Flat-8
Unit
RthJA
Thermal resistance Junction-ambient. max.
100
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com