Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1843 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1843
Description  Rad-tolerant current mode PWM controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1843 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1843 Datasheet HTML 6Page - STMicroelectronics ST1843 Datasheet HTML 7Page - STMicroelectronics ST1843 Datasheet HTML 8Page - STMicroelectronics ST1843 Datasheet HTML 9Page - STMicroelectronics ST1843 Datasheet HTML 10Page - STMicroelectronics ST1843 Datasheet HTML 11Page - STMicroelectronics ST1843 Datasheet HTML 12Page - STMicroelectronics ST1843 Datasheet HTML 13Page - STMicroelectronics ST1843 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Radiation characteristics
ST1843 - ST1845
10/25
Doc ID 019049 Rev 1
6.1.2
Electrical measurements for total dose radiation testing
Prior to irradiation testing the devices shall have successfully met room temperature
electrical measurements specified herein.
Unless otherwise stated the measurements shall be performed at TA = +22 ± 3 °C
The test methods and test conditions shall be as per the corresponding test defined in
electrical measurements at room temperature. The parameters to be measured during and
on completion of irradiation testing are shown below.
Table 7.
Electrical parameter during irradiation testing
Symbol
Parameter
Test conditions
Values
Unit
Min.
Max.
Reference section
VREF
Output voltage for ST1843
VI = 15V; RT = 10kΩ; CT = 3.3nF, Io = 1mA
4.95
5.15
V
Output voltage for ST1845
4.85
5.15
ΔV
REF_LINE
Line regulation
12V
≤ V
i ≤ 25V, RT = 10kΩ; CT = 3.3nF
0.02
V
ΔV
REF_LOAD
Load regulation
VI = 15V; RT = 10kΩ; CT = 3.3nF,
1
≤ I
o ≤ 20mA
0.025
V
ISC
Output short circuit current
VI = 15V; RT = 10kΩ; CT = 3.3nF
-0.18
-0.03
A
Oscillator section
FOSC
Frequency
VI = 15V; RT = 10kΩ; CT = 3.3nF
49
65
kHz
ΔF
OSC / ΔV
Frequency change with
voltage
12V
≤ V
i ≤ 25V, RT = 10kΩ; CT = 3.3nF
-1
1
%
IDISCHG
Discharge current
VI = 15V; RT = 10kΩ; CT = 3.3nF; VOSC = 2V
0.0078 0.0088
A
Error amp section
V2
I
nput voltage for ST1843
VI = 15V; RT = 10kΩ; CT = 3.3nF; VPIN1 = 2.5V
2.45
2.6
V
I
nput voltage for ST1845
2.45
2.55
Ib
Input bias current ST1843
VI = 15V; RT = 10kΩ; CT = 3.3nF; VFB = 5V
-2.75
µA
Input bias current ST1845
-2.8
AVOL
AVOL for ST1843
VI = 15V; RT = 10kΩ; CT = 3.3nF; 2V ≤ Vo ≤
4V
60
dB
AVOL for ST1845
62
PSRR
Power supply rejection ratio 12V
≤ V
i ≤ 25V, RT = 10kΩ; CT = 3.3nF
60
dB
IO_SINK
Output sink current
VI = 15V; RT = 10kΩ; CT = 3.3nF; VPIN2 =
2.7V; VPIN1 = 1.1V
2mA
IO_SOURCE
Output source current
VI = 15V; RT = 10kΩ; CT = 3.3nF; VPIN2 =
2.3V; VPIN1 = 5V
-0.5
mA
VOH
VOUT high
VI = 15V; RT = 10kΩ; CT = 3.3nF; VPIN2 =
2.3V; RL = 15K to GND
5V
VOL
VOUT low
VI = 15V; RT = 10kΩ; CT = 3.3nF; VPIN2 =
2.3V; RL = 15kΩ to pin
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com