Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1843 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1843
Description  Rad-tolerant current mode PWM controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1843 Datasheet(HTML) 5 Page - STMicroelectronics

  ST1843 Datasheet HTML 1Page - STMicroelectronics ST1843 Datasheet HTML 2Page - STMicroelectronics ST1843 Datasheet HTML 3Page - STMicroelectronics ST1843 Datasheet HTML 4Page - STMicroelectronics ST1843 Datasheet HTML 5Page - STMicroelectronics ST1843 Datasheet HTML 6Page - STMicroelectronics ST1843 Datasheet HTML 7Page - STMicroelectronics ST1843 Datasheet HTML 8Page - STMicroelectronics ST1843 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ST1843 - ST1845
Pin connection
Doc ID 019049 Rev 1
5/25
4
Pin connection
Figure 2.
Pin connection
Table 4.
Pin functions
No
Function
Description
1
COMP
This pin is the error amplifier output and is made available for loop compensation.
2
VFB
This is the inverting input of the error amplifier. It is normally connected to the
switching power supply output through a resistor divider.
3
ISENSE
A voltage proportional to inductor current is connected to this input. The PWM uses
this information to terminate the output switch conduction.
4
RT/CT
The oscillator frequency and maximum output duty cycle are programmed by
connecting resistor RT to Vref and capacitor CT to ground. Operation to 500 kHz is
possible.
5
GROUND This pin is the combined control circuitry and power ground.
6
OUTPUT
This output directly drives the gate of a power MOSFET. Peak currents up to 1A are
sourced and sunk by this pin.
7
VCC
This pin is the positive supply of the control IC.
8
Vref
This is the reference output. It provides charging current for capacitor CT through
resistor RT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com