Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1843 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1843
Description  Rad-tolerant current mode PWM controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1843 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1843 Datasheet HTML 4Page - STMicroelectronics ST1843 Datasheet HTML 5Page - STMicroelectronics ST1843 Datasheet HTML 6Page - STMicroelectronics ST1843 Datasheet HTML 7Page - STMicroelectronics ST1843 Datasheet HTML 8Page - STMicroelectronics ST1843 Datasheet HTML 9Page - STMicroelectronics ST1843 Datasheet HTML 10Page - STMicroelectronics ST1843 Datasheet HTML 11Page - STMicroelectronics ST1843 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Electrical characteristics
ST1843 - ST1845
8/25
Doc ID 019049 Rev 1
Ii
3005
Operating supply current
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF
VPIN2 = VPIN3 = 0V
17
mA
Viz
Zener voltage
VI = 15V
(1); R
T = 10kΩ; CT = 3.3nF
Ii = 25mA
30
V
1.
Adjust Vi above the start threshold before setting at 15V
2.
Parameter measured at trip point of latch with VPIN2 = 0.
3.
Gain defined as:
Table 5.
Electrical characteristics (continued)
Symbol
MIL-STD-
883 test
method
Parameter
Test conditions
Values
Unit
Min.
Max.
A
ΔV
PIN1
ΔV
PIN3
------------------- 0
ΔV
PIN3
0.8V
≤≤
;
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com