Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM10 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 6Page - STMicroelectronics STPM10 Datasheet HTML 7Page - STMicroelectronics STPM10 Datasheet HTML 8Page - STMicroelectronics STPM10 Datasheet HTML 9Page - STMicroelectronics STPM10 Datasheet HTML 10Page - STMicroelectronics STPM10 Datasheet HTML 11Page - STMicroelectronics STPM10 Datasheet HTML 12Page - STMicroelectronics STPM10 Datasheet HTML 13Page - STMicroelectronics STPM10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Electrical characteristics
STPM10
10/51
Doc ID 17728 Rev 3
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VOFF
Amplifier offset
±20
mV
ZIP
VIP, VIN impedance
Over the total operating voltage
range
100
400
k
Ω
ZIN
IIP1, IIN1, IIP2, IIN2 impedance
Over the total operating voltage
range
100
k
Ω
GERR
Current channels gain error
±10
%
IVL
Voltage channel leakage
current
-1
1
µA
IIL
Current channel leakage
current
Channel disabled (PST=0 to 1
CH2 disabled if CSEL=0; CH1
disabled if CSEL=1) or device off
-1
1
µA
Input enabled
-10
10
µA
Digital I/O Characteristics (SDA, CLKIN, CLKOUT, SCS, SYN, LED)
VIH
Input high voltage
SDA, SCS, SYN, LED
0.75VCC
V
CLKIN
1.5
VIL
Input low voltage
SDA, SCL, SYN, LED
0.25VCC
V
CLKIN
0.8
VOH
Output high voltage
IO=-2 mA
VCC-0.4
V
VOL
Output low voltage
IO=+2 mA
0.4
V
IUP
Pull up current
15
µA
tTR
Transition time
CLOAD=50 pF
10
ns
Crystal oscillator (see circuit Figure 19)
II
Input current on CLKIN
1
µA
RP
External resistor
1
4
M
Ω
Cp
External capacitors
22
pF
fCLK
Nominal output frequency
4.00
4.194
MHz
8.00
8.192
ICLKIN
Settling current
fCLK= 4 MHz
40
60
µA
RSET
Settling resistor
12
k
Ω
tJIT
Frequency jitter
1
ns
On chip reference voltage
VREF
Reference voltage
1.23
V
Reference accuracy
±1
%
TC
Temperature coefficient
After calibration
30
50
ppm/
°C
SPI interface timing
FSCLKr
Data read speed
After calibration
32
MHz
Table 5.
Electrical characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com