Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM10 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 24Page - STMicroelectronics STPM10 Datasheet HTML 25Page - STMicroelectronics STPM10 Datasheet HTML 26Page - STMicroelectronics STPM10 Datasheet HTML 27Page - STMicroelectronics STPM10 Datasheet HTML 28Page - STMicroelectronics STPM10 Datasheet HTML 29Page - STMicroelectronics STPM10 Datasheet HTML 30Page - STMicroelectronics STPM10 Datasheet HTML 31Page - STMicroelectronics STPM10 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
Theory of operation
STPM10
28/51
Doc ID 17728 Rev 3
Each configuration bit can be written by sending a byte command to STPM10 through its
SPI interface. The procedure to write the configuration bits is described in Section 7.19: SPI
interface
.
Table 11.
Configuration bit map
Address
Name
n. of
bits
Description (1)
6-bit
binary
DEC
000000
0
-
1
Reserved
000001
1
MDIV
1
Measurement frequency range selection:
- MDIV=0: 4.000 MHz to 4.194 MHz
- MDIV=1: 8.000 MHz to 8.192 MHz
000010
2
RC
1
Type of internal oscillator selection:
- RC=0:crystal oscillator,
- RC=1:RC oscillator
000011
3
-
1
Reserved
000100
4
-
1
Reserved
000101
5
PST
1
Current channel sensor type and gain:
If TMP=0
PST=0: primary is CT x8, secondary is not used, no tamper
PST=1: primary is shunt x32, secondary is not used, no tamper
If TMP=1
PST=0: primary is CT x8, secondary is CT x8, tamper
PST=1: primary is CT x8, secondary is shunt x32, tamper
000110
6
-
1
Reserved
000111
7
TMP
1
Tamper enable
001000
8
FRS
1
Power calculation when BFR=1
- FRS=0: energy accumulation is frozen, power is set to zero;
- FRS=1: normal energy accumulation and power computation (p=u*i);
001001
9
MSBF
1
Bit sequence output during record data reading selection:
- MSBF=0: MSB first
- MSBF=1: LSB first
001010
10
FUND
1
This bit swaps the information stored in the type0 (first 20 bits of DAP register)
and type1 (first 20 bits of DFP register) active energy.
- FUND = 0: type 0 contains wide-band active energy, type1 contains
fundamental active energy
- FUND = 1: type 0 contains fundamental active energy, type1 contains wide-
band active energy
001100
12
LTCH
2
No-load condition threshold as product between VRMS and IRMS:
LTCH=0
800
LTCH=1
1600
LTCH=2
3200
LTCH=3
6400
001101 13 (1)
001110
14
KMOT
2
Selection of pulses for LED:
KMOT=0
Type 0 Active
Energy
KMOT=1
Type 1 Active
Energy
KMOT=2
Reactive
Energy
KMOT=3
Apparent
Energy
001111 15 (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com