Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM10 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 21Page - STMicroelectronics STPM10 Datasheet HTML 22Page - STMicroelectronics STPM10 Datasheet HTML 23Page - STMicroelectronics STPM10 Datasheet HTML 24Page - STMicroelectronics STPM10 Datasheet HTML 25Page - STMicroelectronics STPM10 Datasheet HTML 26Page - STMicroelectronics STPM10 Datasheet HTML 27Page - STMicroelectronics STPM10 Datasheet HTML 28Page - STMicroelectronics STPM10 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
STPM10
Theory of operation
Doc ID 17728 Rev 3
25/51
taken from the 11th bit of the active energy register, and consequently a relationship
between the LSB value of the active energy register and the number of pulses provided per
each kWh (P) can be defined as:
Equation 2
Due to the innovative and proprietary power calculation algorithm, the frequency signal is
not affected by any ripple at twice the line frequency. This feature strongly reduces the
calibration time of the meter.
In a practical example where the desired P is 64000 pulses/kWh (=17.7 Hz*kW), we have:
Equation 3
kAW=7.63*10-6 Wh
This means that the reading of 0x00001 in the active energy register represents 7.63 µWh,
while 0xFFFFF represents 8 Wh.
The LED pin can be driven from AW (active energy wide band), AF (active energy limited at
fundamental), RW (reactive energy) or SW (apparent energy) according to the value of the
KMOT bit.
In this case, since the LED pin is driven by signals different from that of AW, some other
relationship between the LSB of the register and the number of pulses per kWh provided by
the meter (P) must be defined:
Equation 4
kAF = 4*kAW [Wh]
kRW = 2*kAW [VARh]
kSW = kAW [VAh]
Table 9.
LED pin configuration
KMOT (2 bits)
Signal available on LED pin
# of pulses
0
AW Type0*
P [kWh]
1
AF Type1*
P [kWh]
2
RW
P [kVARh]
3
SW
P [kVAh]
[]
Wh
P
2
1000
k
11
AW
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com