Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM10 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 31Page - STMicroelectronics STPM10 Datasheet HTML 32Page - STMicroelectronics STPM10 Datasheet HTML 33Page - STMicroelectronics STPM10 Datasheet HTML 34Page - STMicroelectronics STPM10 Datasheet HTML 35Page - STMicroelectronics STPM10 Datasheet HTML 36Page - STMicroelectronics STPM10 Datasheet HTML 37Page - STMicroelectronics STPM10 Datasheet HTML 38Page - STMicroelectronics STPM10 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
STPM10
Theory of operation
Doc ID 17728 Rev 3
35/51
1 bit DATA value+6-bits address+1 bit (0 or 1) as depicted in Figure 25. In this case the
binary command is 01011111 (0x5F), which is the one depicted, or 01011110 (0x5E):
t1 → t2 (> 30 ns): SPI out of idle state
t2 → t3 (> 30 ns): SPI enabled for write operation
t3: data value is placed in SDA
t4: SDA value is stable and shifted into the device
t3 → t5 (> 10 µs): writing clock period
t3 → t5: 1 bit data value
t5 → t6: 6 bit address of the destination latch
t6 → t7: 1 bit EXE command
t8: end of SPI writing
t9: SPI enters idle state
The same procedure should be applied for the mode signals, but in this case the 6-bit
address must be taken from Table 12.
The LSB of the command is also called the EXE bit because instead of the data bit value,
the corresponding serial clock pulse is used to generate the necessary latching signal. This
way the writing mechanism does not need the measurement clock in order to operate, which
makes the operation of SPI module of STPM10 completely independent from the rest of
device logic except for the signal POR.
Commands for changing system signals should be sent during active signals SCS and SYN,
as shown in Figure 25. The SYN must be put low in order to disable the SDA output driver of
the STPM10 and make the SDA an input pin. A string of commands can be sent within one
period of active SCS and SYN signals, or a command can be followed by reading the data
record. However, in this case, the SYN should be deactivated in order to enable the SDA
output driver, and a SYN pulse should be applied before activation of the SCS in order to
latch the data.
Figure 25.
Timing for writing configuration and mode bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com