Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM10 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 25Page - STMicroelectronics STPM10 Datasheet HTML 26Page - STMicroelectronics STPM10 Datasheet HTML 27Page - STMicroelectronics STPM10 Datasheet HTML 28Page - STMicroelectronics STPM10 Datasheet HTML 29Page - STMicroelectronics STPM10 Datasheet HTML 30Page - STMicroelectronics STPM10 Datasheet HTML 31Page - STMicroelectronics STPM10 Datasheet HTML 32Page - STMicroelectronics STPM10 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
STPM10
Theory of operation
Doc ID 17728 Rev 3
29/51
010000
16
-
1
Reserved
1
Reserved
010001
17
-
010010
18
BGTC
2
Band-gap temperature compensation bits. See Figure 17 for details.
010011 19 (1)
010100
20
CPH
4
4-bit unsigned data for compensation of phase error, 0°+0.576°.
16 values are possible with a compensation step of 0.0384°. When CPH=0 the
compensation is 0°, when CPH=15 the compensation is 0.576°.
010101
21
010110
22
010111 23 (1)
011000
24
CHV
8
8-bit unsigned data for voltage channel calibration.
256 values are possible. When CHV is 0 the calibrator is at -12.5% of the
nominal value. When CHV is 255 the calibrator is at +12.5%. The calibration
step is then 0.098%.
011001
25
011010
26
011011
27
011100
28
011101
29
011110
30
011111 31 (1)
100000
32
CHP
8
8-bit unsigned data for primary current channel calibration.
256 values are possible. When CHP is 0 the calibrator is at -12.5% of the
nominal value. When CHP is 255 the calibrator is at +12.5%. The calibration
step is then 0.098%.
100001
33
100010
34
100011
35
100100
36
100101
37
100110
38
100111 39 (1)
101000
40
CHS
8
8-bit unsigned data for secondary current channel calibration.
256 values are possible. When CHS is 0 the calibrator is at -12.5% of the
nominal value. When CHS is 255 the calibrator is at +12.5%. The calibration
step is then 0.098%.
101001
41
101010
42
101011
43
101100
44
101101
45
101110
46
101111 47 (1)
Table 11.
Configuration bit map (continued)
Address
Name
n. of
bits
Description (1)
6-bit
binary
DEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com