Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM10 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 26Page - STMicroelectronics STPM10 Datasheet HTML 27Page - STMicroelectronics STPM10 Datasheet HTML 28Page - STMicroelectronics STPM10 Datasheet HTML 29Page - STMicroelectronics STPM10 Datasheet HTML 30Page - STMicroelectronics STPM10 Datasheet HTML 31Page - STMicroelectronics STPM10 Datasheet HTML 32Page - STMicroelectronics STPM10 Datasheet HTML 33Page - STMicroelectronics STPM10 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Theory of operation
STPM10
30/51
Doc ID 17728 Rev 3
As indicated above, the STPM10 includes 56 CFG bits. The CFG bits are not retained when
the STPM10 supply is not available and they are cleared when a POR occurs, but they are
not cleared when a remote reset command (RRR) is sent through SPI.
Normally, some of these bits must be loaded during power-up of the application. From the
microcontroller, it could also reload the configuration and calibration values after power-on
restart.
7.18
Mode signals
The STPM10 includes 8 mode signals located in the DFP data record. 3 of these are used
only for internal testing purposes while 5 are useful to change some of the operations of the
STPM10. The mode signals are not retained when the STPM10 supply is not available and
they are cleared when a POR occurs, but they are not cleared when a remote reset
command (RRR) is sent through SPI.
The mode signals bit can be written using the normal writing procedure of the SPI interface
(see Section 7.19).
110000
48
CRC
2
2-bit unsigned data for calibration of RC oscillator. (see Table 5)
CRC=0, or CRC=3 cal=0%
CRC=1, cal=+10%;
CRC=2, cal=-10%.
110001 49 (1)
110010
50
-
1
Reserved
110011
51
-
1
Reserved
110100
52
-
1
Reserved
110101
53
CRIT
1
Selection of tamper threshold:
CRIT=0: 12,5% / CRIT=1: 6,25%
110110
54
-
1
Reserved
110111
55
-
1
Reserved (always set to 1 after production testing of die)
1.
IMPORTANT: This bit represents the MSB of the decimal value indicated in the description column.
Table 11.
Configuration bit map (continued)
Address
Name
n. of
bits
Description (1)
6-bit
binary
DEC
Table 12.
Mode signal description
Bit #
Signal
name
Bit
value
Status
Binary
command
Hex
command
0
BANK
0
Used for RC startup procedure
0111000x
70 or 71
1
1111000x
F0 or F1
1
Reserved
2
Reserved
3
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com