Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7590 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7590_09 Datasheet HTML 2Page - STMicroelectronics TDA7590_09 Datasheet HTML 3Page - STMicroelectronics TDA7590_09 Datasheet HTML 4Page - STMicroelectronics TDA7590_09 Datasheet HTML 5Page - STMicroelectronics TDA7590_09 Datasheet HTML 6Page - STMicroelectronics TDA7590_09 Datasheet HTML 7Page - STMicroelectronics TDA7590_09 Datasheet HTML 8Page - STMicroelectronics TDA7590_09 Datasheet HTML 9Page - STMicroelectronics TDA7590_09 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Block diagram
TDA7590
6/42
1
Block diagram
Figure 1.
Block diagram
MOZART core
120MIPs, 32 GPIOs
EBUG
Interface
PROM
PRAM
16K x 24
XRAM
4/8/16/14K x 24
YRAM
68/64/56/48K x 24
FLEX RAM
40K x 24
Expansion
Port
PLL Clock
Oscillator
2 Channel
Codec
ESSI
ESSI/12C
SCI
HOST i/f
Triple
Timer
EDB
EAB
SAI/CCT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com