Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7590 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7590_09 Datasheet HTML 5Page - STMicroelectronics TDA7590_09 Datasheet HTML 6Page - STMicroelectronics TDA7590_09 Datasheet HTML 7Page - STMicroelectronics TDA7590_09 Datasheet HTML 8Page - STMicroelectronics TDA7590_09 Datasheet HTML 9Page - STMicroelectronics TDA7590_09 Datasheet HTML 10Page - STMicroelectronics TDA7590_09 Datasheet HTML 11Page - STMicroelectronics TDA7590_09 Datasheet HTML 12Page - STMicroelectronics TDA7590_09 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
TDA7590
Pin description
9/42
25
DAC1
O
DAC1 left single analog output.
26
DAC0M
O
DAC0 negative right differential analog output.
27
DAC0P
O
DAC0 positive right differential analog output.
28
CODEC_VSS
I
Voltage ground.
29
REF0
I
Codec power supply.
30
CODEC_VDD
I
Codec reference.
31
ADC1
I
ADC1 left single analog input.
32
ADC0M
I
DAC0 negative right differential analog inputs.
33
ADC0P
I
DAC0 positive right differential analog inputs.
36
EXTDACLK
I
External DAC clock. Optional external clock source from which LRCLK and
SCLK can be generated.
37
XTI
I
Crystal oscillator input. External clock input or crystal connection.
38
XTO
O
Crystal oscillator output. Crystal oscillator output drive.
39
PLL_VDD
I
PLL power supply.
40
PLL_VSS
I
PLL ground input.
41
HDS
I/O
Host data strobe. Polarity programmable Host data strobe input for single
strobe mode. Polarity programmable Host write strobe input for double strobe
mode.
42
HRW
I/O
Host read/write. Host read/write for single strobe bus mode.
Polarity programmable Host read data strobe for double strobe mode.
43
HACK
I/O
Host acknowledge. Polarity programmable host interrupt acknowledge for
single host request mode. Polarity programmable host receive request
interrupt for double host request mode.
44
HREQ
I/O
Host request. Polarity programmable host request interrupt for single host
request mode. Polarity programmable host transfer request interrupt for
double host request mode.
45
IOVDD
I
IO power supply.
46
IOVSS
I
IO ground.
47
HCS
I/O
Host chip select. Polarity programmable host chip select for non-multiplexed
mode.
Host address Line 10 for multiplexed mode.
48
HA9
I/O
Host address 9. Address line 9 in multiplexed mode otherwise address line 2
in non-multiplexed mode.
49
HA8
I/O
Host address 8. Address line 8 in multiplexed mode otherwise address line 1
in non-multiplexed mode.
50
HAS
I/O
Host address strobe. Address strobe for multiplexed bus or Address 0 for non
multiplexed.
51
HAD[7]
I/O
Host 8-bit data line 7. Host data bus and/or address lines when in multiplexed
mode.
Table 2.
Pin function (continued)
N°
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com