Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7590 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7590_09 Datasheet HTML 13Page - STMicroelectronics TDA7590_09 Datasheet HTML 14Page - STMicroelectronics TDA7590_09 Datasheet HTML 15Page - STMicroelectronics TDA7590_09 Datasheet HTML 16Page - STMicroelectronics TDA7590_09 Datasheet HTML 17Page - STMicroelectronics TDA7590_09 Datasheet HTML 18Page - STMicroelectronics TDA7590_09 Datasheet HTML 19Page - STMicroelectronics TDA7590_09 Datasheet HTML 20Page - STMicroelectronics TDA7590_09 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
TDA7590
24 bit DSP core
17/42
5
24 bit DSP core
The DSP core is a general purpose 24-bit DSP. The main feature of the DSP core are listed
below:
●
120 MHz operating frequency (120 MIPS)
●
Fully pipelined 24 x 24 bit parallel multiplier-accumulator
●
Saturation/limiting logic
●
56-bit parallel barrel shifter
●
Linear, reverse carry and modulo addressing modes
●
24-bit address buses for program, X and Y data spaces and DMA
●
Memory-expandible hardware stack
●
Nested zero-overhead DO loops
●
Fast interrupts
●
Powerful JTAG emulation port
●
Software wait and stop low power standby modes
●
Program address tracing support
●
Two 24-bit data moves in parallel with arithmetic operations
●
External interrupts including non-maskable interrupt
●
Interrupts may be independently masked and prioritized
●
Bit-manipulation instructions can access any register or memory location
●
On board support for DMA controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com