Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7590 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7590_09 Datasheet HTML 1Page - STMicroelectronics TDA7590_09 Datasheet HTML 2Page - STMicroelectronics TDA7590_09 Datasheet HTML 3Page - STMicroelectronics TDA7590_09 Datasheet HTML 4Page - STMicroelectronics TDA7590_09 Datasheet HTML 5Page - STMicroelectronics TDA7590_09 Datasheet HTML 6Page - STMicroelectronics TDA7590_09 Datasheet HTML 7Page - STMicroelectronics TDA7590_09 Datasheet HTML 8Page - STMicroelectronics TDA7590_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
January 2009
Rev 2
1/42
1
TDA7590
Digital signal processing IC for speech and
audio applications
Features
■ 24-bit, fixed point, 120 MIPS DSP core
■ Large on-board memory (128KW-24 bit)
■ Host access to internal RAM through
expansion port
■ Access to external RAM (16Mw) through
expansion port
■ Integrated stereo, 18-bit Sigma-DELTA A/D
and 20-bit D/A converters
■ Programmable CODEC sample rate up to 48 kHz
■ On-board PLL for core clock and converters
■ External Flash/SRAM memory bank
management
■ I2C and SCI serial interface for external control
■ 2 enhanced synchronous serial interface (ESSI)
■ JTAG interface
■ Host interface
■ 144-pin TQFP, 0.50 mm pitch
■ Automotive temperature range
(from -40 °C to +85 °C)
Applications
■ Real time digital speech and audio processing:
– speech recognition
– speech synthesis
– speech compression
– echo canceling
– noise canceling
– MP3 decoding
Description
The TDA7590 is a high performances, fully
programmable 24-bit, 120 MIPS. Digital signal
processor (DSP), designed to support several
speech and audio applications, as automatic
speech recognition, speech synthesis, MP3
decoding, echo and noise cancellation.
Nevertheless, the embedded CODECs bandwidth
and the generic processing engine allow to
proceed also full-band audio signals. The large
amount of on-chip memory (128 Kwords),
together with the 16 Mwords external memory
addressable and the 32 general purpose I/O pins
permit to build a DSP-system avoiding the usage
of an additional microcontroller.
The presence of serial and parallel interfaces
allows easy connection with external devices
including CODECs, DSPs, microprocessors and
personal computers.
In particular, the debug/JTAG interface permits the
on-chip emulation of the firmware developed.
Further, the presence of the timers and watchdog
block makes TDA7590 suitable for PWM
processing and allows the integration of a system
watchdog.
TQFP144
Table 1.
Device summary
Order code
Package
Packing
E-TDA7590
TQFP144 (20x20x1.0 exposed pad down)(1)
1.
In ECOPACK® package (see Section 9: Package information on page 40).
Tray
E-TDA7590TR
Tape and reel
www.st.com


Similar Part No. - TDA7590_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
Digital signal processing IC for speech and audio applications
11-Apr-2006
More results

Similar Description - TDA7590_09

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7090FHQ PANASONIC-AN7090FHQ Datasheet
138Kb / 14P
Peripheral analog IC for audio signal processing
logo
STMicroelectronics
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
Sep-1999
logo
Sanyo Semicon Device
LV1100 SANYO-LV1100 Datasheet
142Kb / 10P
Digital Surround Audio Signal-Processing IC
logo
Panasonic Semiconductor
AN17000A PANASONIC-AN17000A Datasheet
351Kb / 25P
Audio signal processing IC for notebook PC
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
Audio signal processing IC for notebook PC
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
Audio signal processing IC for notebook PC
logo
Sanyo Semicon Device
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
Video and Audio Signal-Processing IC
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
VIDEO AND AUDIO SIGNAL-PROCESSING IC
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
Digital signal processing IC for speech and audio applications
11-Apr-2006
logo
ON Semiconductor
LC703200AW ONSEMI-LC703200AW Datasheet
208Kb / 20P
Speech Processing IC
December, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com