Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7590 Datasheet(PDF) 40 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TDA7590_09 Datasheet HTML 34Page - STMicroelectronics TDA7590_09 Datasheet HTML 35Page - STMicroelectronics TDA7590_09 Datasheet HTML 36Page - STMicroelectronics TDA7590_09 Datasheet HTML 37Page - STMicroelectronics TDA7590_09 Datasheet HTML 38Page - STMicroelectronics TDA7590_09 Datasheet HTML 39Page - STMicroelectronics TDA7590_09 Datasheet HTML 40Page - STMicroelectronics TDA7590_09 Datasheet HTML 41Page - STMicroelectronics TDA7590_09 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Package information
TDA7590
40/42
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 3.
TQFP144 mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.20
0.047
A1
0.05
0.15
0.002
0.006
A2
0.95
1.00
1.05
0.037
0.039
0.041
B
0.17
0.22
0.27
0.007
0.009
0.011
C
0.09
0.20
0.003
0.008
D
21.80
22.00
22.20
0.858
0.866
0.874
D1
19.80
20.00
20.20
0.779
0.787
0.795
D2
2.00
0.079
D3
17.50
0.689
E
21.80
22.00
22.20
0.858
0.866
0.874
E1
19.80
20.00
20.20
0.779
0.787
0.795
E2
2.00
0.079
E3
17.50
0.689
e0.50
0.020
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.0393
K
0˚ (min.), 3.5˚ (typ.), 7˚(max.)
ccc
0.08
0.03
TQFP144
(20x20x1.0mm exposed pad down)
7386636 B
Note 1: Exact shape of each corner is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com