Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7590 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7590
Description  Digital signal processing IC for speech and audio applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7590 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7590_09 Datasheet HTML 4Page - STMicroelectronics TDA7590_09 Datasheet HTML 5Page - STMicroelectronics TDA7590_09 Datasheet HTML 6Page - STMicroelectronics TDA7590_09 Datasheet HTML 7Page - STMicroelectronics TDA7590_09 Datasheet HTML 8Page - STMicroelectronics TDA7590_09 Datasheet HTML 9Page - STMicroelectronics TDA7590_09 Datasheet HTML 10Page - STMicroelectronics TDA7590_09 Datasheet HTML 11Page - STMicroelectronics TDA7590_09 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Pin description
TDA7590
8/42
2.2
Pin function
Table 2.
Pin function
N°
Name
Type
Description
1
SRD1/TI02
I/O
Serial receive data. Serial input data for receiver. Timer 2 input/output.
2
STD1
I/O
Serial transmit data. Serial output data from transmitter.
3SC02
I/O
Serial control 2.Transmitter frame sync only in asynchronous mode,
transmitter and receiver frame sync in synchronous mode.
4SC01
I/O
Serial control 1. Receive frame sync in asynchronous mode, output
from transmitter 2 or serial flag 1 in synchronous mode.
5
DE_N
I/O
Test data output (input/output). Debug request input and acknowledge output.
6NMI_N
I
Non-maskable interrupt/ PINIT. Used to enable the PLL during RESET
and as a non-maskable interrupt at all other times.
7
SRD0
I/O
Serial receive data. Serial input data for receiver.
8
IOVDD
I
IO power supply.
9
IOVSS
I
IO ground.
10
STD0
I/O
Serial Transmit Data. Serial output data from transmitter.
11
SC10/SCL
I/O
ESSI1 serial control 0. Receive clock in asynchronous mode, output from
transmitter or serial flag in synchronous mode.
I2C SCL serial clock line.
12
SC00
I/O
Serial control 0. Receive clock in asynchronous mode, output from transmitter
1 or serial flag 0 in synchronous mode.
13
RXD
I/O
SCI receive data. Receives byte-oriented serial data.
14
TXD
I/O
SCI read enable. Transmits serial data from SCI transmit shift register.
15
SCLK
I/O
SCI serial clock. Input or output clock from which data is transferred in
synchronous mode and from which the transmit and/or receive baud rate is
derived in asynchronous mode.
16
SCK1/TI01
I/O
Serial clock. Serial bit clock for transmitter only in asynchronous mode, serial
bit clock for both receiver and transmitter in synchronous mode.
Timer 1 input/output.
17
SCK0
I/O
Serial clock. Serial bit clock for transmitter only in asynchronous mode, serial
bit clock for both receiver and transmitter in synchronous mode.
18
RESETN
I
System reset. A low level applied to RESET_N input initializes the IC.
19
SCANEN
I
SCAN enable. When active with TESTEN also active, controls the shifting of
the internal scan chains.
20
TESTEN
I
Test enable. When active, puts the chip into test mode and muxes the XTI
clock to all flip-flops. When SCANEN is also active, the scan chain shifting is
enabled.
21
COREVSS
I
Core ground.
22
COREVDD
I
Core power supply.
23
TIO0
I/O
Timer 0 input/output.
24
VSSSUB
I
Analog substrate isolation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com