Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1340 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 9Page - STMicroelectronics SPEAR1340 Datasheet HTML 10Page - STMicroelectronics SPEAR1340 Datasheet HTML 11Page - STMicroelectronics SPEAR1340 Datasheet HTML 12Page - STMicroelectronics SPEAR1340 Datasheet HTML 13Page - STMicroelectronics SPEAR1340 Datasheet HTML 14Page - STMicroelectronics SPEAR1340 Datasheet HTML 15Page - STMicroelectronics SPEAR1340 Datasheet HTML 16Page - STMicroelectronics SPEAR1340 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 200 page
background image
SPEAr1340
Device functions
Doc ID 023063 Rev 4
13/200
An enhanced module to calculate and insert IPv4 header checksum and TCP, UDP, or
ICMP checksum in frames transmitted in store-and-forward mode.
A module to support Ethernet frame time stamping as described in IEEE 1588- 2002
and IEEE 1588-2008 (standard for precision networked clock synchronization). Sixty-
four-bit time stamps are given in the transmit or receive status of each frame.
MDIO master interface for PHY device configuration and management: station
management agent (SMA), MDIO module
Supports the standard IEEE P802.3az, version D2.0 for energy efficient Ethernet;
allows physical layers to operate in the low-power idle (LPI) mode
The MAC transaction level (MTL) block consists of two sets of FIFOs: a transmit FIFO
with programmable threshold capability, and a receive FIFO with a programmable threshold
(default of 64 bytes). The MTL block has the following features:
32-bit transaction layer block that provides a bridge between the application and the
GMAC
Single-channel transmit and receive engines
Synchronization for all clocks in the design (transmit, receive, and system clocks)
Optimization for packet-oriented transfers with frame delimiters
Four separate ports for system-side and GMAC side transmission and reception
FIFO instantiation outside the top-level module to facilitate memory testing/instantiation
4 KB receive FIFO size on reception
Supports receive status vectors insertion into the receive FIFO after the EOF transfer.
This enables multiple-frame storage in the receive FIFO without requiring another FIFO
to store those frames
Configurable receive FIFO threshold (default fixed at 64 bytes) in cut-through or
threshold mode
Provides an option to filter all error frames on reception and not forward them to the
application in store-and-forward mode.
Provides an option to forward under-sized good frames
Supports statistics by generating pulses for frames dropped or corrupted (due to
overflow) in the receive FIFO
2 KB FIFO size on transmission
Store and forward mechanism for transmission to the GMAC
Threshold control for transmit buffer management
Automatic retransmission of collision frames for transmission
Discards frames on late collision, excessive collisions, excessive deferral, and under-
run conditions
Software control to flush TX FIFO
The DMA block exchanges data between the MTL block and host memory. The host can
use a set of registers (DMA CSR) to control the DMA operations. The DMA block supports
the following features:
32-bit data transfers
Single-channel transmit and receive engines
Fully synchronous design operating on a single system clock (except for CSR module,
when a separate CSR clock is configured)
Optimization for packet-oriented DMA transfers with frame delimiters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com