Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1340 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 17Page - STMicroelectronics SPEAR1340 Datasheet HTML 18Page - STMicroelectronics SPEAR1340 Datasheet HTML 19Page - STMicroelectronics SPEAR1340 Datasheet HTML 20Page - STMicroelectronics SPEAR1340 Datasheet HTML 21Page - STMicroelectronics SPEAR1340 Datasheet HTML 22Page - STMicroelectronics SPEAR1340 Datasheet HTML 23Page - STMicroelectronics SPEAR1340 Datasheet HTML 24Page - STMicroelectronics SPEAR1340 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 200 page
background image
SPEAr1340
Device functions
Doc ID 023063 Rev 4
21/200
2.15
I2C bus controllers (I2C)
The SPEAr1340 device integrates 2 instances of an I2C controller, identified as I2C0 and
I2C1, which can be used to connect to the I2C bus peripheral.
Main features:
Compliant to the I2C-bus specification from Philips
Three different operating modes:
Standard-speed mode (data rates up to 100 Kb/s)
Fast-speed mode (data rates up to 400 Kb/s)
High-speed mode
Clock synchronization
Master or slave I2C operation mode
Multimaster operation mode (bus arbitration)
Support for direct memory access (DMA)
7-bit or 10-bit addressing
7-bit or 10-bit combined format transfers
Slave bulk transfer mode
Ignores CBUS addresses (an older ancestor of I2C that used to share the I2C bus)
Buffer transmission and reception
Interrupt or polled-mode operation
Handles bit and byte waiting at all bus speeds
Digital filter for the received SDA and SCL lines
2.16
Synchronous serial port (SSP)
The synchronous serial port block includes a master or slave interface to enable
synchronous serial communication with slave or master peripherals.
Main features:
Master or slave operation
Programmable clock bit rate and prescaler
Separate transmit and receive first-in, first-out memory buffers, 16-bit wide, 8 locations
deep
Programmable choice of interface operation, SPI, Microwire, or TI synchronous serial
Programmable data frame size from 4 to 16 bits
Independent masking of transmit FIFO, receive FIFO, and receive overrun interrupts
Internal loopback test mode available
Support for direct memory access (DMA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com