Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1340 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 15Page - STMicroelectronics SPEAR1340 Datasheet HTML 16Page - STMicroelectronics SPEAR1340 Datasheet HTML 17Page - STMicroelectronics SPEAR1340 Datasheet HTML 18Page - STMicroelectronics SPEAR1340 Datasheet HTML 19Page - STMicroelectronics SPEAR1340 Datasheet HTML 20Page - STMicroelectronics SPEAR1340 Datasheet HTML 21Page - STMicroelectronics SPEAR1340 Datasheet HTML 22Page - STMicroelectronics SPEAR1340 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 200 page
background image
SPEAr1340
Device functions
Doc ID 023063 Rev 4
19/200
CF/CF+ Host controller
CF Specification Revision 4.1 compliance (True IDE Mode only)
Multiword DMA to transfer data between the host and the CF/+ device
Ultra DMA mode for accessing the CF/+ card using the 16-bit data path
PIO timing mode0 through mode6
Multiword DMA timing mode0 through mode4
Ultra DMA timing mode0 through mode6
Data transfers up to 256 (512 byte) blocks
Variable-length data transfer in multiword DMA and Ultra DMA modes
Interrupt-driven data transfers in PIO mode
xD Host controller (Xtreme Digital)
Comfortable erase mechanism
Programmable access timing
Read, write, erase, read device ID, status and reset commands
ECC generation and checking
Multiblock programming and multiblock erase
1 Gbit, 2 Gbit support
2.14
UART ports
The SPEAr1340 device integrates 2 instances of an asynchronous serial port (UART) digital
block, identified as UART0 and UART1.
Asynchronous serial ports are responsible for performing the main tasks in serial
communications with computers. The device converts incoming parallel information into
serial data and incoming serial information into parallel data that can be sent on a
communication line connected to an external peripheral device.
The SPEAr1340 embedded MPU provides two independent UART controllers. One of the
typical uses of UART is connecting the SPEAr-based platforms to debugging consoles, the
communication with modems and the interfacing of Bluetooth, DECT or ZigBee chipsets.
The UART features inside SPEAr1340 offer similar functionality to the industry-standard
16C650 UART device.
UART ports usually do not directly generate or receive the external signals used between
different items of equipment. External interface devices are used to convert the logic level
signals of the UART to and from the external signaling levels. External signals may be of
many different forms, such as RS-232, infrared and wireless radio. In particular, the UART
interfaces inside SPEAr1340 directly support (by software selection) the IrDA-compliant
Serial InfraRed (SIR) protocol.
The UART supports standard asynchronous communication bits (start, stop, and parity),
which are added prior to transmission and removed on reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com