Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1340 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 35Page - STMicroelectronics SPEAR1340 Datasheet HTML 36Page - STMicroelectronics SPEAR1340 Datasheet HTML 37Page - STMicroelectronics SPEAR1340 Datasheet HTML 38Page - STMicroelectronics SPEAR1340 Datasheet HTML 39Page - STMicroelectronics SPEAR1340 Datasheet HTML 40Page - STMicroelectronics SPEAR1340 Datasheet HTML 41Page - STMicroelectronics SPEAR1340 Datasheet HTML 42Page - STMicroelectronics SPEAR1340 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 200 page
background image
SPEAr1340
Pin description
Doc ID 023063 Rev 4
39/200
3
Pin description
This chapter provides a full description of the ball characteristics and the signal multiplexing
of SPEAr1340 device.
Section 3.1 shows the pin map of SPEAr1340.
Section 3.2 shows the association between balls and pads providing a detailed
description of their terminal characteristics.
Section 3.3 describes the power supply pins.
Section 3.4 shows the multiplexing scheme for multiplexed IPs.
Section 3.5 describes the pinout for each IP, categorized by functionality.
Section 3.6 describes the strapping options configuration and the hardware Boot
selection.
The following table explains the table headers and abbreviations used in this chapter.
Note:
In this chapter “na” stands for “not applicable”.
Table 2.
Headers/abbreviations
Header
Description
Abbreviations
Ball
Ball number associated with each signal on
the package.
Pin name
Name of signals multiplexed on each ball.
Note that at reset and after reset release, all
I/O pads (except for USB) are in input. To
choose between the possible configurations,
you need to program each IP by software.
Please refer to Section 3.4: Multiplexed
signals description and SPEAr1340
reference manuals for more information.
Signal type
Signal information (direction, type)
I= Input
O= Output
IO= Input/output
S= Depending on strapping option
D= Open drain
PWR= Power supply
GND= Ground
Z= High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com