Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1340 Datasheet(PDF) 37 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 33Page - STMicroelectronics SPEAR1340 Datasheet HTML 34Page - STMicroelectronics SPEAR1340 Datasheet HTML 35Page - STMicroelectronics SPEAR1340 Datasheet HTML 36Page - STMicroelectronics SPEAR1340 Datasheet HTML 37Page - STMicroelectronics SPEAR1340 Datasheet HTML 38Page - STMicroelectronics SPEAR1340 Datasheet HTML 39Page - STMicroelectronics SPEAR1340 Datasheet HTML 40Page - STMicroelectronics SPEAR1340 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 200 page
background image
SPEAr1340
Device functions
Doc ID 023063 Rev 4
37/200
2.36
Power control module (PCM)
PCM is the core of the SPEAr1340 leakage power management system. Its role is to
properly manage the power supply shutoff of the switchable sections of the embedded MPU.
Main features:
Generation of supply switch control signals for SPEAr1340 power islands
Generation of isolation control signals for SPEAr1340 power islands
Generation of shutoff commands for external DDR 1V2 and 1V5/1V8 supply lines
Acknowledge generation for user requested power island configuration
Monitoring of voltage detector outputs for each power island
Wake-up source management
2.37
Temperature sensor (THSENS)
The THSENS block is an embedded sensor for junction temperature monitoring.
Main features:
Embeds a thermal sensor providing digital measurement of junction temperature
Generates a “high-temperature” interrupt when junction temperature exceeds a
software programmable higher bound threshold
Generates a “low-temperature” interrupt when junction temperature is lower than a
software programmable lower bound threshold
Supports operating conditions ranging from –40 to 125
°C
Allows measurement of junction temperature starting at 20
°C
Allows offset correction of digital measurement (typical correction value 10)
Software programmable power-down functionality for lower power consumption
Continuous (periodic) sensing of temperature when not powered down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com