Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1340 Datasheet(PDF) 38 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 34Page - STMicroelectronics SPEAR1340 Datasheet HTML 35Page - STMicroelectronics SPEAR1340 Datasheet HTML 36Page - STMicroelectronics SPEAR1340 Datasheet HTML 37Page - STMicroelectronics SPEAR1340 Datasheet HTML 38Page - STMicroelectronics SPEAR1340 Datasheet HTML 39Page - STMicroelectronics SPEAR1340 Datasheet HTML 40Page - STMicroelectronics SPEAR1340 Datasheet HTML 41Page - STMicroelectronics SPEAR1340 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 200 page
background image
Device functions
SPEAr1340
38/200
Doc ID 023063 Rev 4
2.38
One-time programmable antifuse (OTP)
The OTP block is an array of one-time programmable antifuse memory cells. All OTP banks
feature an embedded charge pump which provides internally the high voltage necessary for
antifuse programming sessions. Therefore, it is not necessary to use an additional high
voltage pad at the chip interface. OTP is software programmable, so no dedicated
programming interface is needed at chip level.
Main features:
OTP embeds three 255-bit banks, with these features:
BANK 1: 255-bit data bank with write-protect mechanism
BANK 2: 255-bit data bank with write-protect mechanism
BANK M: 255-bit bank, logically partitioned as follows:
32 bits (16 + redundancy) used for BANK1/BANK2 write protection
213 bits BootROM controlled
2 bits reserved
2 bits reserved for disabling TEST access to OTP
2 bits reserved for disabling JTAG access
4 bits BootROM controlled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com