Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1340 Datasheet(PDF) 132 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 128Page - STMicroelectronics SPEAR1340 Datasheet HTML 129Page - STMicroelectronics SPEAR1340 Datasheet HTML 130Page - STMicroelectronics SPEAR1340 Datasheet HTML 131Page - STMicroelectronics SPEAR1340 Datasheet HTML 132Page - STMicroelectronics SPEAR1340 Datasheet HTML 133Page - STMicroelectronics SPEAR1340 Datasheet HTML 134Page - STMicroelectronics SPEAR1340 Datasheet HTML 135Page - STMicroelectronics SPEAR1340 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 200 page
background image
Electrical characteristics
SPEAr1340
132/200
Doc ID 023063 Rev 4
4
Electrical characteristics
This chapter provides the electrical characteristics for SPEAr1340.
Please refer to AN3317, Application notes, PCB guidelines for SPEAr1340 for additional
details.
4.1
Absolute maximum ratings
SPEAr1340 contains devices to protect the inputs against damage due to high/low static
voltages. However, it is advisable to take normal precaution to avoid application of any
voltage higher/lower than the specified maximum/minimum rated voltages.
Caution:
Stresses above those listed in Table 39 and Table 40 may cause permanent damage to the
device. Exposure to maximum rating conditions for extended periods may affect device
reliability.
Table 39.
Voltage absolute maximum ratings
Symbol
Parameter
Min
Max
Unit
VDD 1V2
1V2 power supply
-0.3
1.44
V
VDD 2V5
2V5 power supply
-0.3
3
VDD 3V3
3V3 power supply
-0.3
3.9
VDD RTC
RTC 1V5 power supply
-0.3
2.16
VDD DDR
DDR2 1V8 power supply
-0.3
2.16
DDR3 1V5 power supply
-0.3
2.16
VDD 1V8/3V3
Programmable 1V8 power supply
-0.3
3.9
Programmable 3V3 power supply
-0.3
3.9
VDD 2V5/3V3
Programmable 2V5 power supply
-0.3
3.9
Programmable 3V3 power supply
-0.3
3.9
Table 40.
Thermal absolute maximum ratings
Symbol
Parameter
Min
Max
Unit
TSTG
Storage temperature range
-55
150
°C
TJ
Junction temperature
-40
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com