Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR1340 Datasheet(PDF) 193 Page - STMicroelectronics

Part # SPEAR1340
Description  Dual-core Cortex A9 HMI embedded MPU
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR1340 Datasheet(HTML) 193 Page - STMicroelectronics

Back Button SPEAR1340 Datasheet HTML 189Page - STMicroelectronics SPEAR1340 Datasheet HTML 190Page - STMicroelectronics SPEAR1340 Datasheet HTML 191Page - STMicroelectronics SPEAR1340 Datasheet HTML 192Page - STMicroelectronics SPEAR1340 Datasheet HTML 193Page - STMicroelectronics SPEAR1340 Datasheet HTML 194Page - STMicroelectronics SPEAR1340 Datasheet HTML 195Page - STMicroelectronics SPEAR1340 Datasheet HTML 196Page - STMicroelectronics SPEAR1340 Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 200 page
background image
SPEAr1340
Acronyms
Doc ID 023063 Rev 4
193/200
IRQ
Interrupt request
JPEG
Joint photographic experts group
JTAG
Joint test action group
KB
Kilo bytes
LCD
Liquid color display
LSB
Least significant bit
MAC
Media access control
MB
Mega bytes
MCU
Microcontroller unit
MD5
Message digest 5
MII
Media independent interface
MMC
Multimedia card
MMU
Memory management unit
MSB
Most significant bit
ODT
On-die termination
OTG
On-the-go (USB)
PCIe
PCI express
PHY
Physical (device, transceiver, layer)
PLL
Real-time operating system
PTM
Program trace macrocell
PWM
Pulse width modulation
RAM
Random access memory
RAS
Reconfigurable array subsystem
RC
Root complex
RF
Radio frequency
RFU
Reserved for future use
RGMII
Reduced gigabit media independent interface
RISC
Reduced instruction set computing
RMII
Reduced media independent interface
ROM
Read only memory
RTC
Real-time clock
RTOS
Real-time operating system
RX
Receive
SATA
Serial ATA
SHA-1
Secure hash algorithm
Table 108.
List of acronyms (continued)
Acronym
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com