Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912 Datasheet(PDF) 108 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 108 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 112Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
108
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R67 (43h)
DC Servo 0
3
DCS_ENA_CH
AN_3
0
DC Servo enable for LINEOUTR
0 = disabled
1 = enabled
2
DCS_ENA_CH
AN_2
0
DC Servo enable for LINEOUTL
0 = disabled
1 = enabled
1
DCS_ENA_CH
AN_1
0
DC Servo enable for HPOUTR
0 = disabled
1 = enabled
0
DCS_ENA_CH
AN_0
0
DC Servo enable for HPOUTL
0 = disabled
1 = enabled
Register 43h DC Servo 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R68 (44h)
DC Servo 1
15
DCS_TRIG_SI
NGLE_3
0
Writing 1 to this bit selects a single DC offset correction
for LINEOUTR.
In readback, a value of 1 indicates that the DC Servo
single correction is in progress.
14
DCS_TRIG_SI
NGLE_2
0
Writing 1 to this bit selects a single DC offset correction
for LINEOUTL.
In readback, a value of 1 indicates that the DC Servo
single correction is in progress.
13
DCS_TRIG_SI
NGLE_1
0
Writing 1 to this bit selects a single DC offset correction
for HPOUTR.
In readback, a value of 1 indicates that the DC Servo
single correction is in progress.
12
DCS_TRIG_SI
NGLE_0
0
Writing 1 to this bit selects a single DC offset correction
for HPOUTL.
In readback, a value of 1 indicates that the DC Servo
single correction is in progress.
11
DCS_TRIG_SE
RIES_3
0
Writing 1 to this bit selects a series of DC offset
corrections for LINEOUTR.
In readback, a value of 1 indicates that the DC Servo
DAC Write correction is in progress.
10
DCS_TRIG_SE
RIES_2
0
Writing 1 to this bit selects a series of DC offset
corrections for LINEOUTL.
In readback, a value of 1 indicates that the DC Servo
DAC Write correction is in progress.
9
DCS_TRIG_SE
RIES_1
0
Writing 1 to this bit selects a series of DC offset
corrections for HPOUTR.
In readback, a value of 1 indicates that the DC Servo
DAC Write correction is in progress.
8
DCS_TRIG_SE
RIES_0
0
Writing 1 to this bit selects a series of DC offset
corrections for HPOUTL.
In readback, a value of 1 indicates that the DC Servo
DAC Write correction is in progress.
7
DCS_TRIG_ST
ARTUP_3
0
Writing 1 to this bit selects Start-Up DC Servo mode for
LINEOUTR.
In readback, a value of 1 indicates that the DC Servo
Start-Up correction is in progress.
6
DCS_TRIG_ST
ARTUP_2
0
Writing 1 to this bit selects Start-Up DC Servo mode for
LINEOUTL.
In readback, a value of 1 indicates that the DC Servo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com