Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912 Datasheet(PDF) 111 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 111 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 115Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
111
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R76 (4Ch)
DC Servo 9
7:0
DCS_DAC_W
R_VAL_0 [7:0]
0000_0000 DC Offset value for HPOUTL in DAC Write DC Servo
mode in two's complement format.
In readback, the current DC offset value is returned in
two's complement format.
Two’s complement format:
LSB is 0.25mV.
Range is +/-32mV
Register 4Ch DC Servo 9
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R77 (4Dh)
DC Servo
Readback 0
11:8
DCS_CAL_CO
MPLETE [3:0]
0000
DC Servo Complete status
[3] - LINEOUTR
[2] - LINEOUTL
[1] - HPOUTR
[0] - HPOUTL
0 = DAC Write or Start-Up DC Servo mode not
completed.
1 = DAC Write or Start-Up DC Servo mode complete.
7:4
DCS_DAC_W
R_COMPLETE
[3:0]
0000
DC Servo DAC Write status
[3] - LINEOUTR
[2] - LINEOUTL
[1] - HPOUTR
[0] - HPOUTL
0 = DAC Write DC Servo mode not completed.
1 = DAC Write DC Servo mode complete.
3:0
DCS_STARTU
P_COMPLETE
[3:0]
0000
DC Servo Start-Up status
[3] - LINEOUTR
[2] - LINEOUTL
[1] - HPOUTR
[0] - HPOUTL
0 = Start-Up DC Servo mode not completed..
1 = Start-Up DC Servo mode complete.
Register 4Dh DC Servo Readback 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com