Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912 Datasheet(PDF) 114 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 114 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 118Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
114
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R104 (68h)
Class W 0
0
CP_DYN_PWR
0
Enable dynamic charge pump power control
0 = Charge pump controlled by volume register settings
(Class G)
1 = Charge pump controlled by real-time audio level
(Class W)
Class W is recommended for lowest power
consumption.
Register 68h Class W 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R108 (6Ch)
Write
Sequencer 0
8
WSEQ_ENA
0
Write Sequencer Enable.
0 = Disabled
1 = Enabled
4:0
WSEQ_WRITE
_INDEX [4:0]
0_0000
Sequence Write Index. This is the memory location to
which any updates to R109 and R110 will be copied.
0 to 31 = RAM addresses
Register 6Ch Write Sequencer 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R109 (6Dh)
Write
Sequencer 1
14:12
WSEQ_DATA_
WIDTH [2:0]
000
Width of the data block written in this sequence step.
000 = 1 bit
001 = 2 bits
010 = 3 bits
011 = 4 bits
100 = 5 bits
101 = 6 bits
110 = 7 bits
111 = 8 bits
11:8
WSEQ_DATA_
START [3:0]
0000
Bit position of the LSB of the data block written in this
sequence step.
0000 = Bit 0
…
1111 = Bit 15
7:0
WSEQ_ADDR
[7:0]
0000_0000 Control Register Address to be written to in this
sequence step.
Register 6Dh Write Sequencer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com