Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8912 Datasheet(PDF) 112 Page - Wolfson Microelectronics plc

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912 Datasheet(HTML) 112 Page - Wolfson Microelectronics plc

Back Button WM8912 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8912 Datasheet HTML 116Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 128 page
background image
WM8912
Production Data
w
PD, Rev 4.0, September 2010
112
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R90 (5Ah)
Analogue
HP 0
7
HPL_RMV_SH
ORT
0
Removes HPOUTL short
0 = HPOUTL short enabled
1 = HPOUTL short removed
For normal operation, this bit should be set as the final
step of the HPL Enable sequence.
6
HPL_ENA_OU
TP
0
Enables HPOUTL output stage
0 = Disabled
1 = Enabled
For normal operation, this bit should be set to 1 after
the DC offset cancellation has been scheduled.
5
HPL_ENA_DL
Y
0
Enables HPOUTL intermediate stage
0 = Disabled
1 = Enabled
For normal operation, this bit should be set to 1 after
the output signal path has been configured, and before
DC offset cancellation is scheduled. This bit should be
set with at least 20us delay after HPL_ENA.
4
HPL_ENA
0
Enables HPOUTL input stage
0 = Disabled
1 = Enabled
For normal operation, this bit should be set as the first
step of the HPL Enable sequence.
3
HPR_RMV_SH
ORT
0
Removes HPOUTR short
0 = HPOUTR short enabled
1 = HPOUTR short removed
For normal operation, this bit should be set as the final
step of the HPR Enable sequence.
2
HPR_ENA_OU
TP
0
Enables HPOUTR output stage
0 = Disabled
1 = Enabled
For normal operation, this bit should be set to 1 after
the DC offset cancellation has been scheduled.
1
HPR_ENA_DL
Y
0
Enables HPOUTR intermediate stage
0 = Disabled
1 = Enabled
For normal operation, this bit should be set to 1 after
the output signal path has been configured, and before
DC offset cancellation is scheduled. This bit should be
set with at least 20us delay after HPR_ENA.
0
HPR_ENA
0
Enables HPOUTR input stage
0 = Disabled
1 = Enabled
For normal operation, this bit should be set as the first
step of the HPR Enable sequence.
Register 5Ah Analogue HP 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com