Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9712CLGEFL/V Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
WM9712L
Production Data
w
PD, Rev 4.6, November 2011
42
CONTROLLING THE TOUCHPANEL DIGITISER
All touchpanel functions are accessed and controlled through the AC-Link interface.
PHYSICAL CHARACTERISTICS
The physical characteristics of the touchpanel interface are controlled through register 78, as shown
below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
78h
12
45W
0 (4-wire)
Touchpanel Type Selection
0: 4-wire
1: 5-wire
0:5
RPU
000001
(64k
)
Internal Pull-up resistor for Pen Detection
000000: RESERVED (do not use this setting)
000001: RPU/1 = TYP 64k (most sensitive)
000010: RPU /2 = TYP 32k
… (pull-up = RPU / binary value of RPU)
(Refer to page 9 for RPU specification)
8
PIL
0 (200
A)
Current used for pressure measurement
0: IP = 200A
1: IP = 400A
Table 25 Touchpanel Digitiser Control (Physical Characteristics)
POWER MANAGEMENT
To save power, the touchpanel digitiser and the pen-down detector can be independently disabled
when they are not used. The power consumption of the pen-down detector is normally negligible,
except when the pen is down.
The state of the digitiser and pen down detector is controlled by the following bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
78h
15:14
PRP
00
Pen ADC/AUX ADC enable
00 – Pen digitiser off, pen detect off, no
wake-up on pen down (default)
01 – Pen digitiser powered off, pen detect
enabled, touchpanel digitiser wakes up
(changes to state 11) on pen-down
10 – Pen digitiser off, pen detect enabled, no
wake-up on pen down
11 – Pen digitiser and pen detect enabled
13
RPR
0
Wake-up on pen-down mode
0: Wake-up the AC-Link only (hold SDATAIN
high until controller sends warm reset or cold
reset)
1: Wake-up the WM9712L without waiting for
a reset signal from the controller
Table 26 Touchpanel Digitiser Control (Power Management)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com