Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9712CLGEFL/V Datasheet(PDF) 58 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/V
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/V Datasheet(HTML) 58 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM9712CLGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
WM9712L
Production Data
w
PD, Rev 4.6, November 2011
58
AC97 DATA AND CONTROL INTERFACE
INTERFACE PROTOCOL
The WM9712Lhas a single AC’97 interface for both data transfer and control. The AC-Link uses 5
wires:
SDATAIN (pin 8) carries data from the WM9712L to the controller
SDATAOUT (pin 5) carries data from the controller to the WM9712L
BITCLK (pin 6) is a clock, normally generated by the WM9712L crystal oscillator and
supplied to the controller. However, BITCLK can also be passed to the WM9712L from
an off-chip generator.
SYNC is a synchronization signal generated by the controller and passed to the
WM9712L
RESETB resets the WM9712L to its default state
CONTROLLER
e.g. CPU
WM9712L
RESETB
SDATAIN
SDATAOUT
BITCLK
SYNC
24.576MHz
XTAL
AC-LINK
ANALOGUE
INPUTS /
OUTPUTS
Figure 16 AC-Link Interface (typical case with BITCLK generated by the AC97 CODEC)
The SDATAIN and SDATAOUT signals each carry 13 time-division multiplexed data streams (slots 0
to 12). A complete sequence of slots 0 to 12 is referred to as an AC-Link frame, and contains a total
of 256 bits. The frame rate is 48kHz. This makes it possible to simultaneously transmit and receive
multiple data streams (e.g. audio, touchpanel, AUXDAC, control) at sample rates up to 48kHz.
Detailed information can be found in the AC’97 (Revision 2.2) specification, which can be obtained at
www.intel.com/labs/media/audio/
Note:
SDATAOUT and SYNC must be held low for when RESETB is applied. These signals must be held
low for the entire duration of the RESETB pulse and especially during the low-to-high transition of
RESETB. If either is set high during reset the AC'97 device may enter test modes. Information
relating to this operation is available in the AC'97 specification or in Wolfson applications note WAN-
0104 available at www.wolfsonmirco.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com