Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8310 Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
47
The 32.768kHz oscillator may also be output on a GPIO pin, as described in Section 21. Note that a
GPIO pin configured as 32.768kHz output will continue to output the oscillator clock in the OFF power
state; this may be used to provide clocking to the processor in the OFF state, provided that the
selected power domain for that GPIO pin remains enabled in the OFF state. The CLKOUT output is
always disabled in the OFF power state.
A separate internal RC oscillator generates the required clocks for the integrated DC-DC Converters
on the WM8310. Note that a 2MHz ‘External Power Clock’, derived from this oscillator, may be output
on a GPIO pin to provide synchronised clocking of external DC-DC Converters if required (see
Section 21). The 2MHz External Power Clock is only enabled when either of the External Power
Enable signals EPE1 or EPE2 is asserted. The External Power Enable (EPE) signals are controlled
as described in Section 15.3.
Note that the CLKOUT_ENA control register is locked by the WM8310 User Key. This register can
only be changed by writing the appropriate code to the Security register, as described in Section 12.4.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16528 (4090h)
Clock Control 1
15
CLKOUT_EN
A
0
CLKOUT output enable
0 = Disabled
1 = Enabled
Protected by user key
13
CLKOUT_OD
0
CLKOUT pin configuration
0 = CMOS
1 = Open Drain
10:8
CLKOUT_SLO
T
000
CLKOUT output enable ON slot
select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Do not enable
111 = Do not enable
6:4
CLKOUT_SLP
SLOT
000
CLKOUT output SLEEP slot select
000 = Controlled by CLKOUT_ENA
001 = Disable in Timeslot 5
010 = Disable in Timeslot 4
011 = Disable in Timeslot 3
100 = Disable in Timeslot 2
101 = Disable in Timeslot 1
110 = Controlled by CLKOUT_ENA
111 = Controlled by CLKOUT_ENA
0
CLKOUT_SR
C
0
CLKOUT output source select
0 = FLL output
1 = 32.768kHz oscillator
R16529 (4091h)
Clock Control 2
15
XTAL_INH
0
Crystal Start-Up Inhibit
0 = Disabled
1 = Enabled
When XTAL_INH=1, the ‘ON’
transition is inhibited until the
crystal oscillator is valid
13
XTAL_ENA
0
Crystal Oscillator Enable
0 = Disabled at all times
1 = Enabled in OFF, ON and
SLEEP states
(Note that the BACKUP behaviour
is determined by
XTAL_BKUPENA.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com