Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8310 Datasheet(PDF) 96 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 96 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 100Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
96
Figure 20 DC-DC Synchronous Buck Converter Connections
The recommended output capacitor COUT varies according to the required transient response. Note
that the DCm_CAP register field must be set according to the output capacitance on each DC-DC
Converter in order to achieve best performance.
In the case of DC-DC1 and DC-DC2, the recommended inductor component varies according to the
DCm_FREQ register field. This register supports a choice of different switching frequencies.
See Section 30.3 for details of specific recommended external components.
15.15.3 DC-DC STEP UP CONVERTER
DC-DC Converter 4 is a step-up DC-DC Converter designed to deliver high power efficiency across
full load conditions. It is designed to provide a voltage which is determined by the selected current of
either Current Sink 1 or Current Sink 2 through an external load - typically a string of LEDs.
DC-DC Converter 4 is designed with fixed frequency current mode architecture. The clock frequency
is set by an internal RC oscillator, which provides a 1MHz clock.
The typical connections to DC-DC Converter 4 are illustrated in Figure 21. The DC4_FBSRC register
field can select either ISINK1 or ISINK2 as input to the feedback circuit.
The input voltage connection, DC4VDD, is typically connected to the SYSVDD voltage node. Note
that the internal supply pins PVDD1 and PVDD2 should also be connected to SYSVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com