Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8310 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
14
5
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at or
beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible to
damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage of
this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
The WM8310 has been classified as MSL3.
CONDITION
MIN
MAX
OTP Programming Supply (PROGVDD)
-0.3V
7.0V
BATTVDD, WALLVDD and USBVDD supplies
-0.3V
7.0V
Input voltage for LDO regulators
-0.3V
7.0V
Input voltage for DC-DC converters
-0.3V
7.0V
Digital buffer supply (DBVDD1, DBVDD2, DBVDD3)
-0.3V
4.5V
Voltage range for digital inputs
-0.3V
DBVDD + 0.3V
Operating Temperature Range, TA
-40
C
+85
C
Junction Temperature, TJ
-40
C
+125
C
Thermal Impedance Junction to Ambient, θJA
45
C/W
Storage temperature prior to soldering
30
oC max / 60% RH max
Storage temperature after soldering
-65
C
+150
C
Soldering temperature (10 seconds)
+260
C
Note: These ratings assume that all ground pins are at 0V.
6
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Wall Input power source
WALLVDD
4.3
5.5
V
Battery Input power source
BATTVDD
2.7
5.5
V
USB Input power source
USBVDD
4.3
5.5
V
Digital buffer supply
DBVDD1, DBVDD2, DBVDD3
1.71
3.6
V
OTP Programming Supply
(see note)
PROGVDD
6.25
6.5
6.75
V
LDO12VOUT
3.3
V
Ground
GND, DC1GND, DC2GND,
DC3GND, DC4GND, DBGND,
XOSCGND, REFGND
0
V
Note:
The OTP Programming Supply PROGVDD should only be present when programming the OTP. At other times, this pin should be
left unconnected. The LDO12VOUT must be overdriven by an external supply when programming the OTP. At other times, the
voltage at this pin is driven by the internal circuits of the WM8310.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com