Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8310 Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
48
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
12
XTAL_BKUPE
NA
1
Selects the RTC and 32.768kHz
oscillator in BACKUP state
0 = RTC unclocked in BACKUP
1 = RTC maintained in BACKUP
(Note that XTAL_ENA must also
be set if the RTC is to be
maintained in BACKUP.)
Table 16 Clocking Control
13.2 CRYSTAL OSCILLATOR
The crystal oscillator generates a 32.768kHz reference clock, which is used to provide reference
clock for the Real Time Clock (RTC) in the WM8310. It may also be used as a reference input to the
FLL, for the purpose of generating other clocks. The oscillator requires an external crystal on the XTI
and XTO pins, as well as two capacitors, connected as shown in Figure 17.
Figure 17 Crystal Oscillator
A suitable crystal oscillator should be selected in accordance with the following requirements:
PARAMETER
MIN
MAX
UNITS
Nominal frequency
32.768
kHz
Series resistance
50
70
k
Maximum driving level
0.5
W
Table 17 Selection of Crystal Oscillator Component
The load capacitors C1 and C2 should be selected according to the recommended load capacitance,
CL of the crystal, which is given by the following equation:
Assuming C1 = C2 and CSTRAY = 2.75pF (typical pad i/o capacitance), then:
C1 = C2 = 2 x (CL - 2.75pF).
For example, if the crystal has a load capacitance CL = 9pF, then C1 = C2 = 12.5pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com