Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8310 Datasheet(PDF) 95 Page - Wolfson Microelectronics plc

Part # WM8310
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310 Datasheet(HTML) 95 Page - Wolfson Microelectronics plc

Back Button WM8310 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8310 Datasheet HTML 99Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
95
Hysteretic mode is suitable for light load conditions only, and only suitable for operating modes that
are not sensitive to wide band RF/EMI effects. The output voltage ripple (and frequency) is load
dependent, and is generally worse than Pulse-Skipping operation in the Auto mode. Provided that the
EMI and voltage ripple can be tolerated, the Hysteretic mode offers an efficiency advantage over the
Auto (CCM/DCM with PS) mode.
LDO Mode
In this mode, there is no FET switching at all, and the converter operates as a Low Drop-Out (LDO)
regulator. In this mode, the FET switching losses are eliminated, as is the power consumption of the
DC-DC control circuit. Under suitable operating conditions, this provides the most efficient option for
light loads, without any of the EMI or voltage ripple limitations of Hysteretic mode.
As with any LDO, the output voltage is constant, and there is no internal source of voltage ripple.
Unlike the switching modes, the power efficiency of the LDO mode is highly dependent on the input
and output voltages; the LDO is most efficient when the voltage drop between input and output is
small. The power dissipated as heat loss by an LDO increases rapidly as the input - output voltage
difference increases.
LDO mode is suitable for light loads, and provides a ripple-free output. The LDO mode features a very
low start-up current; this mode can be used to avoid the higher in-rush current that occurs in the
switching converter modes. The efficiency is dependent on the input - output voltage configuration;
the LDO mode can be highly efficient, but may also be unacceptably inefficient. If an improvement in
power efficiency is required, then Hysteretic mode may be the preferred choice or, for better EMI and
voltage ripple, the Auto (CCM/DCM with PS) mode may be the optimum selection.
Operating Mode Summary
MODE
DESCRIPTION
APPLICATION
Forced Continuous Conduction
Mode (FCCM)
Buck converter operation where inductor
current is continuous at all times.
High performance for all static and transient
load conditions. Fixed frequency switching
offers best compatibility with sensitive
circuits.
Auto Mode: Continuous /
Discontinuous Conduction with
Pulse-Skipping Mode (CCM/DCM
with PS)
Buck converter operation where inductor
current may be discontinuous under reduced
loads; pulse-skipping also enabled under
lighter loads.
High efficiency for all static and transient
load conditions. Performance may be less
than FCCM mode for heavy load transients.
Hysteretic Mode
The converter uses a hysteretic control
scheme with pulsed switching operation. The
control circuitry is disabled intermittently for
power saving.
High efficiency for light static and light
transient loads only. Maximum load current is
restricted; output voltage ripple is increased.
LDO Mode
No FET switching at all; linear regulator
operation.
Power saving mode for light loads only. High
efficiency for ultra light loads. Low current
soft-start control.
Table 46 DC-DC Synchronous Buck Converter Operating Modes Summary
Typical Connections
The typical connections to DC-DC Converter 1 are illustrated in Figure 20. The equivalent circuit
applies to DC-DC Converters 2 and 3 also.
The input voltage connection to DC-DC Converters 1, 2 and 3 is provided on DC1VDD, DC2VDD and
DC3VDD respectively; these are typically connected to the SYSVDD voltage node. Note that the
internal supply pins PVDD1 and PVDD2 must be connected to the same supply voltage as the DC-
DC Converters (ie. SYSVDD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com