Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXD2005VMM80R Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # MPXD2005VMM80R
Description  PXS20 Microcontroller
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD2005VMM80R Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button MPXD2005VMM80R Datasheet HTML 94Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 95Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 96Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 97Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 98Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 99Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 100Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 101Page - Freescale Semiconductor, Inc MPXD2005VMM80R Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 119 page
background image
PXS20 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
98
Figure 16. Functional Reset Sequence Long
Figure 17. Functional Reset Sequence Short
The reset sequences shown in Figure 16 and Figure 17 are triggered by functional reset events. RESET is driven low during
these two reset sequences only if the corresponding functional reset source (which triggered the reset sequence) was enabled to
drive RESET low for the duration of the internal reset sequence1.
3.19.3
Reset sequence trigger mapping
The following table shows the possible trigger events for the different reset sequences. It specifies the reset sequence start
conditions as well as the reset sequence end indications that are the basis for the timing data provided in Table 29.
1.See RGM_FBRE register for more details.
PHASE3
PHASE1,2
Flash init
Device
Config
DRUN
Application
Execution
TFRL, min < TReset < TFRL, max
Reset Sequence Trigger
Reset Sequence Start Condition
RESET_B
RESET
PHASE3
DRUN
Application
Execution
TFRS, min < TReset < TFRS, max
Reset Sequence Trigger
Reset Sequence Start Condition
RESET_B
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com