| Electronic Components Datasheet Search |
|
ATSAM4SD16BA-MU Datasheet(PDF) 9 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATSAM4SD16BA-MU Datasheet(HTML) 9 Page - ATMEL Corporation |
|
9 / 67 page ![]() 9 11100BS–ATARM–31-Jul-12 SAM4S Series [Preliminary] Flash Memory ERASE Flash and NVM Configuration Bits Erase Command Input High VDDIO Reset State: - Erase Input - Internal pull-down enabled - Schmitt Trigger enabled (1) Reset/Test NRST Synchronous Microcontroller Reset I/O Low VDDIO Permanent Internal pull-up TST Test Select Input Permanent Internal pull-down Universal Asynchronous Receiver Transceiver - UARTx URXDx UART Receive Data Input UTXDx UART Transmit Data Output PIO Controller - PIOA - PIOB - PIOC PA0 - PA31 Parallel IO Controller A I/O VDDIO Reset State: - PIO or System IOs (2) - Internal pull-up enabled - Schmitt Trigger enabled(1) PB0 - PB14 Parallel IO Controller B I/O PC0 - PC31 Parallel IO Controller C I/O PIO Controller - Parallel Capture Mode PIODC0-PIODC7 Parallel Capture Mode Data Input VDDIO PIODCCLK Parallel Capture Mode Clock Input PIODCEN1-2 Parallel Capture Mode Enable Input External Bus Interface D0 - D7 Data Bus I/O A0 - A23 Address Bus Output NWAIT External Wait Signal Input Low Static Memory Controller - SMC NCS0 - NCS3 Chip Select Lines Output Low NRD Read Signal Output Low NWE Write Enable Output Low NAND Flash Logic NANDOE NAND Flash Output Enable Output Low NANDWE NAND Flash Write Enable Output Low High Speed Multimedia Card Interface - HSMCI MCCK Multimedia Card Clock I/O MCCDA Multimedia Card Slot A Command I/O MCDA0 - MCDA3 Multimedia Card Slot A Data I/O Table 3-1. Signal Description List (Continued) Signal Name Function Type Active Level Voltage reference Comments |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |