Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM4SD16BA-MU Datasheet(PDF) 42 Page - ATMEL Corporation

Part # ATSAM4SD16BA-MU
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4SD16BA-MU Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button ATSAM4SD16BA-MU Datasheet HTML 38Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 39Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 40Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 41Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 42Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 43Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 44Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 45Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
42
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
The reset circuitry is based on a zero-power power-on reset cell and a brownout detector cell.
The zero-power power-on reset allows the Supply Controller to start properly, while the soft-
ware-programmable brownout detector allows detection of either a battery discharge or main
voltage loss.
The Slow Clock generator is based on a 32 kHz crystal oscillator and an embedded 32 kHz RC
oscillator. The Slow Clock defaults to the RC oscillator, but the software can enable the crystal
oscillator and select it as the Slow Clock source.
The Supply Controller starts up the device by sequentially enabling the internal power switches
and the Voltage Regulator, then it generates the proper reset signals to the core power supply.
It also enables to set the system in different low-power modes and to wake it up from a wide
range of events.
10.5
Clock Generator
The Clock Generator is made up of:
• One Low-power 32768 Hz Slow Clock Oscillator with bypass mode
• One Low-power RC Oscillator
• One 3-20 MHz Crystal Oscillator, which can be bypassed
• One Fast RC Oscillator, factory programmed. Three output frequencies can be selected: 4, 8
or 12 MHz. By default 4 MHz is selected.
• One 80 to 240 MHz PLL (PLLB) providing a clock for the USB Full Speed Controller
• One 80 to 240 MHz programmable PLL (PLLA), provides the clock, MCK to the processor
and peripherals. The PLLA input frequency is from 3 MHz to 32 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com