Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM4SD16BA-MU Datasheet(PDF) 48 Page - ATMEL Corporation

Part # ATSAM4SD16BA-MU
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4SD16BA-MU Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button ATSAM4SD16BA-MU Datasheet HTML 44Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 45Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 46Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 47Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 48Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 49Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 50Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 51Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
48
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
10.16 Peripheral Signal Multiplexing on I/O Lines
The SAM4S features 2 PIO controllers on 64-pin version (PIOA and PIOB) or 3 PIO controllers
on the 100-pin version (PIOA, PIOB and PIOC), that multiplex the I/O lines of the peripheral set.
The SAM4S 64-pin and 100-pin PIO Controllers control up to 32 lines. Each line can be
assigned to one of three peripheral functions: A, B or C. The multiplexing tables in the following
paragraphs define how the I/O lines of the peripherals A, B and C are multiplexed on the PIO
Controllers. The column “Comments” has been inserted in this table for the user’s own com-
ments; it may be used to track how pins are defined in an application.
Note that some peripheral functions which are output only, might be duplicated within the tables.
24
TC1
X
X
Timer/Counter 1
25
TC2
X
X
Timer/Counter 2
26
TC3
X
X
Timer/Counter 3
27
TC4
X
X
Timer/Counter 4
28
TC5
X
X
Timer/Counter 5
29
ADC
X
X
Analog To Digital Converter
30
DACC
X
X
Digital To Analog Converter
31
PWM
X
X
Pulse Width Modulation
32
CRCCU
X
X
CRC Calculation Unit
33
ACC
X
X
Analog Comparator
34
UDP
X
X
USB Device Port
Table 10-3.
Peripheral Identifiers (Continued)
Instance ID
Instance Name
NVIC Interrupt
PMC
Clock Control
Instance Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com