Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM4SD16BA-MU Datasheet(PDF) 43 Page - ATMEL Corporation

Part # ATSAM4SD16BA-MU
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4SD16BA-MU Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button ATSAM4SD16BA-MU Datasheet HTML 39Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 40Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 41Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 42Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 43Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 44Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 45Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 46Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
43
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
Figure 10-2. Clock Generator Block Diagram
10.6
Power Management Controller
The Power Management Controller provides all the clock signals to the system. It provides:
• the Processor Clock, HCLK
• the Free running processor clock, FCLK
• the Cortex SysTick external clock
• the Master Clock, MCK, in particular to the Matrix and the memory interfaces
• the USB Clock, UDPCK
• independent peripheral clocks, typically at the frequency of MCK
• three programmable clock outputs: PCK0, PCK1 and PCK2
The Supply Controller selects between the 32 kHz RC oscillator or the crystal oscillator. The
unused oscillator is disabled automatically so that power consumption is optimized.
By default, at startup the chip runs out of the Master Clock using the fast RC oscillator running at
4 MHz.
The user can trim the 8 and 12 MHz RC Oscillator frequency by software.
Power
Management
Controller
XIN
XOUT
Main Clock
MAINCK
Control
Status
PLL and
Divider A
PLLA Clock
PLLACK
12M Main
Oscillator
PLL and
Divider B
On Chip
32k RC OSC
Slow Clock
SLCK
XIN32
XOUT32
Slow Clock
Oscillator
Clock Generator
XTALSEL
PLLB Clock
PLLBCK
On Chip
12/8/4 MHz
RC OSC
MAINSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com