Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM4SD16BA-MU Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATSAM4SD16BA-MU
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4SD16BA-MU Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATSAM4SD16BA-MU Datasheet HTML 33Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 34Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 35Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 36Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 37Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 38Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 39Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 40Page - ATMEL Corporation ATSAM4SD16BA-MU Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
37
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
9.1.3.4
Lock Regions
Several lock bits are used to protect write and erase operations on lock regions. A lock region is
composed of several consecutive pages, and each lock region has its associated lock bit.
If a locked-region’s erase or program command occurs, the command is aborted and the EEFC
triggers an interrupt.
The lock bits are software programmable through the EEFC User Interface. The command “Set
Lock Bit” enables the protection. The command “Clear Lock Bit” unlocks the lock region.
Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash.
9.1.3.5
Security Bit Feature
The SAM4SD32 and SAM4SD16 feature 2 security bits, the SAM4S16/SA16/S8 feature a secu-
rity bit, based on a specific General Purpose NVM bit (GPNVM bit 0). When one of the security
bits is enabled, any access to the Flash, SRAM, Core Registers and Internal Peripherals either
through the ICE interface or through the Fast Flash Programming Interface, is forbidden. This
ensures the confidentiality of the code programmed in the Flash.
This security bit can only be enabled, through the command “Set General Purpose NVM Bit 0” of
the EEFC User Interface. Disabling the security bit can only be achieved by asserting the
ERASE pin at 1, and after a full Flash erase is performed. When the security bit is deactivated,
all accesses to the Flash, SRAM, Core registers, Internal Peripherals are permitted.
It is important to note that the assertion of the ERASE pin should always be longer than 200 ms.
As the ERASE pin integrates a permanent pull-down, it can be left unconnected during normal
operation. However, it is safer to connect it directly to GND for the final application.
9.1.3.6
Calibration Bits
NVM bits are used to calibrate the brownout detector and the voltage regulator. These bits are
factory configured and cannot be changed by the user. The ERASE pin has no effect on the cal-
ibration bits.
9.1.3.7
Unique Identifier
Each device integrates its own 128-bit unique identifier. These bits are factory configured and
cannot be changed by the user. The ERASE pin has no effect on the unique identifier.
9.1.3.8
User Signature
Each part contains a User Signature of 512 bytes. It can be used by the user to store user infor-
mation such as trimming, keys, etc., that the customer does not want to be erased by asserting
the ERASE pin or by software ERASE command. Read, write and erase of this area is allowed.
Table 9-1.
Lock bit number
Product
Number of lock bits
Lock region size
SAM4SD32
256 (128 + 128)
8 Kbytes
SAM4SD16
128 (64 + 64)
8 Kbytes
SAM4SA16
128
8 Kbytes
SAM4S8
64
8 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com