Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7708 Datasheet(PDF) 42 Page - Analog Devices

Part # AD7708
Description  8-/10-Channel, Low Voltage, Low Power, ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7708 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD7708 Datasheet HTML 36Page - Analog Devices AD7708 Datasheet HTML 37Page - Analog Devices AD7708 Datasheet HTML 38Page - Analog Devices AD7708 Datasheet HTML 39Page - Analog Devices AD7708 Datasheet HTML 40Page - Analog Devices AD7708 Datasheet HTML 41Page - Analog Devices AD7708 Datasheet HTML 42Page - Analog Devices AD7708 Datasheet HTML 43Page - Analog Devices AD7708 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
REV. 0
–42–
AD7708/AD7718
Converting Single-Ended Inputs
The AD7708/AD7718 generally operates in buffered mode. This
places a restriction of AGND + 100 mV to AVDD – 100 mV on
the absolute and common-mode voltages that can be applied to
any input on the AD7708/AD7718.
Some applications may require the measurement of analog
inputs with respect to AGND. To enable the AD7708/AD7718
to be used in these single-ended applications, the buffer on the
AINCOM can be bypassed. The NEGBUF bit in the mode
register controls the operation of the input buffer on the AINCOM
input when a channel is configured for pseudo-differential mode of
operation. If cleared, the analog negative input (AINCOM) is
unbuffered, allowing it to be tied to AGND in single-ended
input configuration. If this bit is set, the analog negative input
(AINCOM) is buffered, placing a restriction on its common-
mode input range. When AINCOM is unbuffered, signals with a
common-mode range from AGND – 30 mV to AVDD + 30 mV
can be accommodated on this input allowing the end user to
connect the AINCOM input to AGND and perform single-
ended measurements with respect to this input. This unbuffered
input path on the AINCOM provides a dynamic load to the
driving source. Therefore, resistor/capacitor combinations on
this input pin can cause dc gain errors, depending on the output
impedance of the source that is driving the AINCOM input. All
analog inputs still operate in buffered mode and their com-
mon-mode and absolute input voltage is restricted to a range
between AGND + 100 mV and AVDD – 100 mV.
Combined Ratiometric and Absolute Value Measurement
System
The AD7708/AD7718 when operated with CHCON = 0 can be
configured for operation as four fully-differential analog inputs or
eight pseudo-differential analog inputs with two fully-differential
reference inputs. Having the ability to use either REFIN1 or
REFIN2 with any channel during the conversion process allows
the end user to make both absolute and ratiometric measure-
ments as shown in Figure 27. In this example a fully-differential
analog input (AIN1–AIN2) is being converted from a bridge trans-
ducer in a ratiometric manner using REFIN1 as the reference
input for this channel. AIN3 is configured as a pseudo-differential
input channel using REFIN2 to perform an absolute measurement
on the potentiometer. The REFSEL bit in the mode register is
used to select which reference is used with the active channel
during the conversion process. When the AD7708/AD7718 is
configured with CHCON = 1, only one reference (REFIN1) is
available. The contents of the CHCON bit override the REFSEL
bit. If the ADC is configured in five fully-differential or 10
pseudo-differential input channel mode, the REFSEL bit setting
is irrelevant as only REFIN1 is available.
REFIN1(–)
AD7718
REFIN2(+)
REFIN1(+)
AINCOM
AIN1
AIN3
AIN2
REFIN2(–)
GND
EXCITATION VOLTAGE = 4V
WIPER
Figure 27. Absolute and Ratiometric Measurement
System Using AD7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com