Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7708 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7708
Description  8-/10-Channel, Low Voltage, Low Power, ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7708 Datasheet(HTML) 5 Page - Analog Devices

  AD7708 Datasheet HTML 1Page - Analog Devices AD7708 Datasheet HTML 2Page - Analog Devices AD7708 Datasheet HTML 3Page - Analog Devices AD7708 Datasheet HTML 4Page - Analog Devices AD7708 Datasheet HTML 5Page - Analog Devices AD7708 Datasheet HTML 6Page - Analog Devices AD7708 Datasheet HTML 7Page - Analog Devices AD7708 Datasheet HTML 8Page - Analog Devices AD7708 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
REV. 0
–5–
AD7708/AD7718
Parameter
B Grade
Unit
Test Conditions
LOGIC INPUTS (Continued)
SCLK Only (Schmitt-Triggered Input)
2
VT(+)
1.4/2
V min/V max
DVDD = 5 V
VT(–)
0.8/1.4
V min/V max
DVDD = 5 V
VT(+) – VT(–)
0.3/0.85
V min/V max
DVDD = 5 V
VT(+)
0.95/2
V min/V max
DVDD = 3 V
VT(–)
0.4/1.1
V min/V max
DVDD = 3 V
VT(+)–VT(–)
0.3/0.85
V min/V max
DVDD = 3 V
XTAL1 Only
2
VINL, Input Low Voltage
0.8
V max
DVDD = 5 V
VINH, Input High Voltage
3.5
V min
DVDD = 5 V
VINL, Input Low Voltage
0.4
V max
DVDD = 3 V
VINH, Input High Voltage
2.5
V min
DVDD = 3 V
Input Currents
±10
µA max
Logic Input = DVDD
–70
µA max
Logic Input = DGND, Typical –40
µA @ 5 V
and –20
µA at 3 V
Input Capacitance
10
pF typ
All Digital Inputs
LOGIC OUTPUTS (Excluding XTAL2)
5
VOH, Output High Voltage
2
DVDD – 0.6
V min
DVDD = 3 V, ISOURCE = 100
µA
VOL, Output Low Voltage
2
0.4
V max
DVDD = 3 V, ISINK = 100
µA
VOH, Output High Voltage
2
4V min
DVDD = 5 V, ISOURCE = 200
µA
VOL, Output Low Voltage
2
0.4
V max
DVDD = 5 V, ISINK = 1.6 mA
Floating State Leakage Current
±10
µA max
Floating State Output Capacitance
±10
pF typ
Data Output Coding
Binary
Unipolar Mode
Offset Binary
Bipolar Mode
SYSTEM CALIBRATION
2
Full-Scale Calibration Limit
1.05
× FS
V max
Zero-Scale Calibration Limit
–1.05
× FS
V min
Input Span
0.8
× FS
V min
2.1
× FS
V max
START-UP TIME
From Power-On
300
ms typ
From Power-Down Mode
1
ms typ
Oscillator Enabled
300
ms typ
Oscillator Powered Down
POWER REQUIREMENTS
Power Supply Voltages
AVDD and DVDD can be operated independently of each other.
AVDD–AGND
2.7/3.6
V min/max
AVDD = 3 V nom
4.75/5.25
V min/max
AVDD = 5 V nom
DVDD–DGND
2.7/3.6
V min/max
DVDD = 3 V nom
4.75/5.25
V min
DVDD = 5 V nom
DIDD (Normal Mode)
0.55
mA max
DVDD = 3 V, 0.43 mA typ
0.65
mA max
DVDD = 5 V, 0.5 mA typ
AIDD (Normal Mode)
1.1
mA max
AVDD = 3 V or 5 V, 0.85 mA typ
DIDD (Power-Down Mode)
10
µA max
DVDD = 3 V, 32.768 kHz Osc. Running
2
µA max
DVDD = 3 V, Oscillator Powered Down
30
µA max
DVDD = 5 V, 32.768 kHz Osc. Running
8
µA max
DVDD = 5 V, Oscillator Powered Down
AIDD (Power-Down Mode)
1
µA max
AVDD = 3 V or 5 V
Power Supply Rejection (PSR)
Input Range =
±2.56 V, AIN = 1 V
Chop Disabled
70
dB min
95 dB typ
Chop Enabled
100
dB typ
NOTES
1Temperature range is –40
°C to +85°C.
2Not production tested, guaranteed by design and/or characterization data at release.
3Following a self-calibration this error will be in the order of the noise for the programmed gain and update selected. A system calibration will completely remove this error.
4Recalibration at any temperature will remove these errors.
5I/O Port Logic Levels are with respect to AV
DD and AGND.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com