Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7708 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7708
Description  8-/10-Channel, Low Voltage, Low Power, ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7708 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7708 Datasheet HTML 12Page - Analog Devices AD7708 Datasheet HTML 13Page - Analog Devices AD7708 Datasheet HTML 14Page - Analog Devices AD7708 Datasheet HTML 15Page - Analog Devices AD7708 Datasheet HTML 16Page - Analog Devices AD7708 Datasheet HTML 17Page - Analog Devices AD7708 Datasheet HTML 18Page - Analog Devices AD7708 Datasheet HTML 19Page - Analog Devices AD7708 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
REV. 0
–16–
AD7708/AD7718
Table I. ADC Conversion and Settling Times for Various
SF Words with
CHOP = 0
SF
Data Update Rate
Settling Time
Word
fADC (Hz)
tSETTLE (ms)
13
105.3
19.04
23
59.36
33.69
27
50.56
39.55
45
30.3
65.9
69 (Default)
19.79
101.07
91
15
133.1
182
7.5
266.6
255
5.35
373.54
The overall frequency response is the product of a sinc
3 and a
sinc response. There are sinc
3 notches at integer multiples of
3
× fADC and there are sinc notches at odd integer multiples
of fADC/2. The 3 dB frequency for all values of SF obeys the
following equation:
f (3 dB) = 0.24
× f
ADC
Normal-mode rejection is the major function of the digital filter
on the AD7708/AD7718. The normal mode 50
±1 Hz rejection
with an SF word of 82 is typically –100 dB. The 60
± 1 Hz
rejection with SF = 68 is typically –100 dB. Simultaneous 50 Hz
and 60 Hz rejection of better than 60 dB is achieved with an SF
of 69. Choosing an SF word of 69 places notches at both 50 Hz
and 60 Hz. Figures 5 to 9 show the filter rejection for a selection
of SF words.
The frequency response of the filter H (f) is as follows:
1
8
81
2
2
3
SF
SF
f f
ff
ff
ff
MOD
MOD
OUT
OUT
×
×
×× ×
×


××
××
×


sin (
/
)
sin (
/
)
sin (
/
)
sin (
/
)
π
π
π
π
where
fMOD = 32,768 Hz,
SF = value programmed into SF Register,
fOUT = fMOD/(SF
× 8 × 3).
The following plots show the filter frequency response for a
variety of update rates from 5 Hz to 105 Hz.
FREQUENCY – Hz
0
–140
–200
0
650
50 100 150 200 250 300 350 400 450 500 550 600
700
–20
–120
–160
–180
–60
–100
–40
–80
SF = 13
OUTPUT DATA RATE = 105Hz
INPUT BANDWIDTH = 25.2Hz
FIRST NOTCH = 52.5Hz
50Hz REJECTION = –23.6dB, 50Hz 1Hz REJECTION = –20.5dB
60Hz REJECTION = –14.6dB, 60Hz 1Hz REJECTION = –13.6dB
Figure 5. Filter Profile with SF = 13
FREQUENCY – Hz
0
–80
–160
0
100
10
20
30
40
50
60
70
80
90
–20
–40
–120
–140
–60
–100
SF = 82
OUTPUT DATA RATE = 16.65Hz
INPUT BANDWIDTH = 4Hz
50Hz REJECTION = –171dB, 50Hz 1Hz REJECTION = –100dB
60Hz REJECTION = –58dB, 60Hz 1Hz REJECTION = –53dB
Figure 6. Filter Profile with SF = 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com