Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7708 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7708
Description  8-/10-Channel, Low Voltage, Low Power, ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7708 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7708 Datasheet HTML 26Page - Analog Devices AD7708 Datasheet HTML 27Page - Analog Devices AD7708 Datasheet HTML 28Page - Analog Devices AD7708 Datasheet HTML 29Page - Analog Devices AD7708 Datasheet HTML 30Page - Analog Devices AD7708 Datasheet HTML 31Page - Analog Devices AD7708 Datasheet HTML 32Page - Analog Devices AD7708 Datasheet HTML 33Page - Analog Devices AD7708 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
REV. 0
–30–
AD7708/AD7718
I/O Control Register (IOCON): (A3, A2, A1, A0 = 0, 1, 1, 1; Power-On-Reset = 00Hex)
The IOCON Register is an 8-bit register from which data can be read or to which data can be written. This register is used to con-
trol and configure the I/O port. Table XIX outlines the bit designations for this register. IOCON7 through IOCON0 indicate the
bit location, IOCON denoting the bits are in the I/O Control Register. IOCON7 denotes the first bit of the data stream. The num-
ber in brackets indicates the power-on/reset default status of that bit. A write to the IOCON register has immediate effect and does
not reset the ADCs.
7
N
O
C
O
I6
N
O
C
O
I5
N
O
C
O
I4
N
O
C
O
I3
N
O
C
O
I2
N
O
C
O
I1
N
O
C
O
I0
N
O
C
O
I
)
0
(0
)
0
()
0
(
R
I
D
2
PR
I
D
1
P)
0
(0
)
0
()
0
(
0)
0
(
T
A
D
2
P)
0
(
T
A
D
1
P
Table XIX. IOCON (I/O Control Register) Bit Designations
Bit
Bit
Location
Mnemonic
Description
IOCON7
0
This bit should always be cleared. Reserved for future use.
IOCON6
0
This bit should always be cleared. Reserved for future use.
IOCON5
P2DIR
P2, I/O Direction Control Bit.
Set by user to enable P2 as an output.
Cleared by user to enable P2 as an input. There are weak pull-ups internally when enabled
as an input.
IOCON4
P1DIR
P1, I/O Direction Control Bit.
Set by user to enable P1 as an output.
Cleared by user to enable P1 as an input. There are weak pull-ups internally when enabled
as an input.
IOCON3
0
This bit should always be cleared. Reserved for future use.
IOCON2
0
This bit should always be cleared. Reserved for future use.
IOCON1
P2DAT
Digital I/O Port (P1) Data Bit.
The readback value of this bit indicates the status of the pin regardless of whether this pin is
configured as an input or an output. The value written to this data bit will appear at the
output port when the I/O pin is enabled as an output.
IOCON0
P1DAT
Digital I/O port (P1) Data Bit.
The readback value of this bit indicates the status of the pin, regardless of whether this pin is
configured as an input or an output. The value written to this data bit will appear at the
output port when the I/O pin is enabled as an output.
ADC Data Result Register (DATA): (A3, A2, A1, A0 = 0, 1, 0, 0; Power-On-Reset = 000000Hex)
The conversion result for the selected ADC channel is stored in the ADC data register (DATA). This register is 16 bits wide on the
AD7708 and 24 bits wide on the AD7718. This is a read only register. On completion of a read from this register the RDY bit in
the status register is cleared. These ADCs can be operated in either unipolar or bipolar mode of operation.
Unipolar Mode
In unipolar mode of operation the output coding is straight binary. With an analog input voltage of 0 V the output code is 0000Hex
for the AD7708 and 000000Hex for the AD7718. With an analog input voltage of 1.024 VREF/Gain the output code is FFFFHex
for the AD7708 and FFFFFF Hex for the AD7718. The output code for any analog input voltage can be represented as follows:
Code = (AIN
× GAIN × 2N)/(1.024 × VREF)
where
AIN is the analog input voltage and
N = 16 for the AD7708 and N = 24 for the AD7718.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com