Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7708 Datasheet(PDF) 43 Page - Analog Devices

Part # AD7708
Description  8-/10-Channel, Low Voltage, Low Power, ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7708 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD7708 Datasheet HTML 36Page - Analog Devices AD7708 Datasheet HTML 37Page - Analog Devices AD7708 Datasheet HTML 38Page - Analog Devices AD7708 Datasheet HTML 39Page - Analog Devices AD7708 Datasheet HTML 40Page - Analog Devices AD7708 Datasheet HTML 41Page - Analog Devices AD7708 Datasheet HTML 42Page - Analog Devices AD7708 Datasheet HTML 43Page - Analog Devices AD7708 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
REV. 0
AD7708/AD7718
–43–
Table XXI. Normal Mode 50 Hz and 60 Hz Rejection vs. Settling Time and Update Rate for a Selection of SF Words
CHOP Disabled
CHOP Enabled
50 Hz
1 Hz
60 Hz
1 Hz
50 Hz
1 Hz
60 Hz
1 Hz
SF
Rejection
Rejection
Rejection
Rejection
Word
fADC (Hz)
tSETTLE (ms)
(dB)
(dB)
fADC (Hz)
tSETTLE (ms) (dB)
(dB)
03
1365.33
2.20
0.05
0.08
N/A
N/A
N/A
N/A
13
315.08
9.52
1
1.5
105.03
19.04
21
13.6
69
59.36
50.54
42
94
19.79
101
60
94
75
54.6
54.93
57
60
18.2
110
62
66
82
49.95
60
100
16.65
180
100
53
151
27.13
110.6
60
60
9.04
221
72
63
255
16.06
186.76
77
68
5.35
373.5
93
68
Optimizing Throughput while Maximizing 50 Hz and 60 Hz
Rejection in a Multiplexed Data Acquisition System
The AD7708/AD7718 can be optimized for one of two modes
of operation. Operating the AD7708/AD7718 with chopping
enabled (
CHOP = 0) optimizes the AD7708/AD7718 for analog
performance over channel throughput. Output data rates vary
from 5.35 Hz (186.77 ms) to 105.03 Hz (9.52 ms). Optimum
performance, in terms of minimizing offset error and offset and
gain drift performance, is achieved as a result of chopping the
signal chain.
With chopping disabled the available output rates vary from
16.06 Hz (62.26 ms) to 1365.33 Hz (0.73 ms). The range of
applicable SF words is from 3 to 255. When the chopping is
disabled the channel output data rate is increased by a factor of
3 compared to the situation when chopping is enabled is
disabled. When used in multiplexed applications, operation
with chop disabled will offer the best throughput time when
cycling through all channels. The drawback with chopping
disabled is that the drift performance is degraded and calibra-
tion is required following gain and temperature changes. One
of the key requirements in these applications is to optimize the SF
word to obtain the maximum filter rejection at 50 Hz and 60 Hz
while minimizing the channel throughput rate. This is achieved
with an SF word of 75 giving 57 dB rejection at 50 Hz and
60 dB rejection at 60 Hz while offering a channel throughput
time of 55 ms.
Using a higher SF word of 151, 50 Hz and 60 Hz rejection can
be maximized at 60 dB with a channel throughput rate of 110 ms.
An SF word of 255 gives maximum rejection at both 50 Hz
and 60 Hz, but the channel throughput rate is restricted to
186 ms. Table XXI gives a quick comparison of normal mode 50 Hz
and 60 Hz rejection, settling time, and update rate for a selec-
tion of SF words with both chopping enabled and disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com