Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7708 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7708
Description  8-/10-Channel, Low Voltage, Low Power, ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7708 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7708 Datasheet HTML 6Page - Analog Devices AD7708 Datasheet HTML 7Page - Analog Devices AD7708 Datasheet HTML 8Page - Analog Devices AD7708 Datasheet HTML 9Page - Analog Devices AD7708 Datasheet HTML 10Page - Analog Devices AD7708 Datasheet HTML 11Page - Analog Devices AD7708 Datasheet HTML 12Page - Analog Devices AD7708 Datasheet HTML 13Page - Analog Devices AD7708 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
REV. 0
–10–
AD7708/AD7718
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AGND to DGND . . . . . . . . . . . . . . . . . . –0.05 V to +0.05 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . . . –5 V to +5 V
Analog Input Voltage to AGND . . . . –0.3 V to AVDD +0.3 V
Reference Input Voltage to AGND . . –0.3 V to AVDD +0.3 V
Total AIN/REFIN Current (Indefinite) . . . . . . . . . . . . 30 mA
Digital Input Voltage to DGND . . . . –0.3 V to DVDD +0.3 V
Digital Output Voltage to DGND . . . –0.3 V to DVDD +0.3 V
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
SOIC Package
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . 71.4°C/W
θJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 23°C/W
TSSOP Package
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . 97.9°C/W
θJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 14°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7708/AD7718 features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description Option
AD7708BR
–40
°C to +85°C SOIC
R-28
AD7708BRU
–40
°C to +85°C TSSOP
RU-28
EVAL-AD7708EB
Evaluation Board
AD7718BR
–40
°C to +85°C SOIC
R-28
AD7718BRU
–40
°C to +85°C TSSOP
RU-28
EVAL-AD7718EB
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com