Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8412 Datasheet(PDF) 7 Page - Analog Devices

Part # DAC8412
Description  Quad, 12-Bit DAC Voltage Output with Readback
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8412 Datasheet(HTML) 7 Page - Analog Devices

Back Button DAC8412 Datasheet HTML 3Page - Analog Devices DAC8412 Datasheet HTML 4Page - Analog Devices DAC8412 Datasheet HTML 5Page - Analog Devices DAC8412 Datasheet HTML 6Page - Analog Devices DAC8412 Datasheet HTML 7Page - Analog Devices DAC8412 Datasheet HTML 8Page - Analog Devices DAC8412 Datasheet HTML 9Page - Analog Devices DAC8412 Datasheet HTML 10Page - Analog Devices DAC8412 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DAC8412/DAC8413
–7–
REV. D
Typical Performance Characteristics–
+1
–1
6
0
11
10
9
8
7
VREFH – Volts
12
VDD = +15V
VSS = –15V
VREFL = –10.0V
TA = +25 C
Figure 7. DNL vs. VREFH
VREFH – Volts
+1
–1
0
12
3
VDD = +5V
VSS = 0V
VREFL = 0V
TA = +25 C
Figure 10. INL vs. VREFH
150
–75
75
0
0.2
–0.6
–0.4
–0.2
0
TEMPERATURE – C
DAC A
DAC D
DAC B
DAC C
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
Figure 13. Full-Scale Error vs.
Temperature
VREFH – Volts
0
–2
–1
+2
+1
3
2
1
VDD = +5V
VSS = 0V
VREFL = 0V
TA = +25 C
Figure 8. DNL vs. VREFH
0.4
–0.6
1000
–0.4
0
0
–0.2
0.2
600
400
800
200
T = HOURS OF OPERATION AT +125 C
X
X+3
X–3
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
Figure 11. Full-Scale Error vs.
Time Accelerated by Burn-In
0.3
–0.5
150
–0.3
–75
–0.1
0.1
75
0
TEMPERATURE – C
DAC A
DAC D
DAC C
DAC B
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
Figure 14. Zero-Scale Error vs.
Temperature
VREFH – Volts
0.3
0.1
0.2
10
8
6
12
VDD = +15V
VSS = –15V
VREFL = 0V
TA = +25 C
Figure 9. INL vs. VREFH
0.3
–0.7
1000
–0.5
0
–0.1
–0.3
0.1
600
400
800
200
T = HOURS OF OPERATION AT +125 C
X
X+3
VDD = +15V
VSS = –15V
VREFH = +10V
VREFL = –10V
X–3
Figure 12. Zero-Scale Error vs.
Time Accelerated by Burn-In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com